Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1933HS6-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1933HS6-TRPBF
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933HS6-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1933HS6-TRPBF Datasheet HTML 3Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 4Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 5Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 6Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 7Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 8Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 9Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 10Page - Linear Technology LT1933HS6-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1933
7
1933fd
OPERATION (Refer to Block Diagram)
The LT1933 is a constant frequency, current mode step
down regulator. A 500kHz oscillator enables an RS flip-
flop, turning on the internal 750mA power switch Q1. An
amplifier and comparator monitor the current flowing
between the VIN and SW pins, turning the switch off when
this current reaches a level determined by the voltage at
VC. An error amplifier measures the output voltage through
an external resistor divider tied to the FB pin and servos
the VC node. If the error amplifier’s output increases, more
current is delivered to the output; if it decreases, less cur-
rent is delivered. An active clamp (not shown) on the VC
node provides current limit. The VC node is also clamped
to the voltage on the SHDN pin; soft-start is implemented
by generating a voltage ramp at the SHDN pin using an
external resistor and capacitor.
An internal regulator provides power to the control cir-
cuitry. This regulator includes an undervoltage lockout
to prevent switching when VIN is less than ~3.35V. The
SHDN pin is used to place the LT1933 in shutdown, dis-
connecting the output and reducing the input current to
less than 2μA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate
the internal bipolar NPN power switch for efficient opera-
tion.
The oscillator reduces the LT1933’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the output current during startup
and overload.
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1 = R2(VOUT/1.245 – 1)
R2 should be 20k or less to avoid bias current errors.
Reference designators refer to the Block Diagram.
Input Voltage Range
The input voltage range for LT1933 applications depends
on the output voltage and on the absolute maximum rat-
ings of the VIN and BOOST pins.
The minimum input voltage is determined by either the
LT1933’s minimum operating voltage of ~3.35V, or by its
maximum duty cycle. The duty cycle is the fraction of
time that the internal switch is on and is determined by
the input and output voltages:
DC = (VOUT + VD)/(VIN – VSW + VD)
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.4V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN) = (VOUT + VD)/DCMAX – VD + VSW
with DCMAX = 0.88
The maximum input voltage is determined by the absolute
maximum ratings of the VIN and BOOST pins and by the
minimum duty cycle DCMIN = 0.08 (corresponding to a
minimum on time of 130ns):
VIN(MAX) = (VOUT + VD)/DCMIN – VD + VSW
Note that this is a restriction on the operating input voltage;
the circuit will tolerate transient inputs up to the absolute
maximum ratings of the VIN and BOOST pins.
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = 5 (VOUT + VD)
where VD is the voltage drop of the catch diode (~0.4V)
and L is in μH. With this value the maximum load current
will be above 500mA. The inductor’s RMS current rating
must be greater than your maximum load current and its


Similar Part No. - LT1933HS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1933 LINER-LT1933 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1933 LINER-LT1933 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933ES6 LINER-LT1933ES6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
LT1933IS6 LINER-LT1933IS6 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1933HS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
   600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
New Japan Radio
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
   600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Linear Technology
LT1616 LINER-LT1616_15 Datasheet
286Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
   600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
   1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com