Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1936IMS8E-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1936IMS8E-PBF
Description  1.4A, 500kHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936IMS8E-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT1936IMS8E-PBF Datasheet HTML 1Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 2Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 3Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 4Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 5Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 6Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 7Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 8Page - Linear Technology LT1936IMS8E-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1936
3
1936fd
LOAD CURRENT (A)
0
60
70
80
90
100
0.5
1.0
1936 G02
1.5
VOUT = 3.3V
TA = 25°C
D1 = DFLS140L
L1 = 10μH, TOKO D63CB
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0
60
70
80
90
100
0.5
1.0
1936 G01
1.5
VOUT = 5V
TA = 25°C
D1 = DFLS140L
L1 = 15μH, TOKO D63CB
VIN = 12V
VIN = 24V
DUTY CYCLE (%)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
TYP
MIN
60
80
1936 G03
100
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1936E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2)
VC Clamp
1.8
V
VC Switch Threshold
0.7
V
Internal Compensation R
50
Internal Compensation C
VCOMP = 1V
150
pF
COMP Pin Leakage
VCOMP = 1.8V, E and I Grades
H Grade
1
2
μA
μA
Switching Frequency
VFB = 1.1V
VFB = 0V
400
500
40
600
kHz
kHz
Maximum Duty Cycle
87
92
%
Switch Current Limit
(Note 3)
1.9
2.2
2.6
A
Switch VCESAT
ISW = 1.2A
410
520
mV
Switch Leakage Current
2μA
Minimum BOOST Voltage Above SW
ISW = 1.2A
2
2.2
V
BOOST Pin Current
ISW = 1.2A
28
50
mA
BOOST Pin Leakage
VSW = 0V
0.1
1
μA
SHDN Input Voltage High
2.3
V
SHDN Input Voltage Low
0.3
V
SHDN Pin Current
VSHDN = 2.3V (Note 5)
VSHDN = 12V (Note 5)
VSHDN = 0V
34
140
0.01
50
240
0.1
μA
μA
μA
with statistical process controls. The LT1936I specifications are
guaranteed over the –40°C to 125°C temperature range. The LT1936H
specifications are guaranteed over the –40°C to 150°C temperature range.
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
Note 4: Current flows out of pin.
Note 5: Current flows into pin.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT = 5V
Efficiency, VOUT = 3.3V
Switch Current Limit


Similar Part No. - LT1936IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1936IMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com