Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1936EMS8E-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1936EMS8E-TRPBF
Description  1.4A, 500kHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936EMS8E-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1936EMS8E-TRPBF Datasheet HTML 2Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 3Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 4Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 9Page - Linear Technology LT1936EMS8E-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1936
6
1936fd
BLOCK DIAGRAM
PIN FUNCTIONS
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
VIN (Pin 2): The VIN pin supplies current to the LT1936’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
SW (Pin 3): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
GND (Pin 4): Tie the GND pin to a local ground plane
below the LT1936 and the circuit components. Return the
feedback divider to this pin.
SHDN (Pin 5): The SHDN pin is used to put the LT1936 in
shutdown mode. Tie to ground to shut down the LT1936.
Tie to 2.3V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin. SHDN also
provides a soft-start function; see the Applications Infor-
mation. Do not drive SHDN more than 5V above VIN.
FB (Pin 6): The LT1936 regulates its feedback pin to
1.200V. Connect the feedback resistor divider tap to this
pin. Set the output voltage according to VOUT = 1.200V
(1 + R1/R2). A good value for R2 is 10k.
VC (Pin 7): The VC pin is used to compensate the LT1936
control loop by tying an external RC network from this pin
to ground. The COMP pin provides access to an internal
RC network that can be used instead of the external
components.
COMP (Pin 8): To use the internal compensation network,
tie the COMP pin to the VC pin. Otherwise, tie COMP to
ground or leave it floating.
Exposed Pad (Pin 9): The Exposed Pad must be soldered
to the PCB and electrically connected to ground. Use a
large ground plane and thermal vias to optimize thermal
performance.
4
R
DRIVER
Q1
S
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
VC
gm
1.200V
1936 BD
8
2
5
Q
Q
1
3
BOOST
SW
6
FB
GND
RC
50k
CC
150pF
VOUT
R1
R2
L1
D2
C3
C1
D1
VIN
C2
VIN
ON OFF
COMP
7
VC
R4
C5
C4
R3
SHDN


Similar Part No. - LT1936EMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1936EMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
   4.5A, 500KHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com