Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC14433 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC14433
Description  3-1/2 DIGIT A/D CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC14433 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC14433 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC14433 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3-128
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: VDD = +5V, VEE = – 5V, C1 = 0.1µF (mylar), CO = 0.1µF, RC = 300kΩ, R1 =
470k
Ω @ VREF = 2V, R1 = 27kΩ @ VREF = 200mV, unless otherwise specified.
TA = +25
°C– 40°C < TA < +85°C
Symbol Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Analog Input
SYE
Rollover Error (Positive
200mV Full Scale VIN
–1
+1
Counts
and Negative Full
–VIN = +VIN
Scale Symmetry
NL
Linearity Output
VREF = 2V
– 0.05
+0.05
+0.05
%rdg
Reading (Note 1)
VREF = 200mV
– 1 count
+1 count
SOR
Stability Output Reading
VX = 1.99V, VREF = 2V
2
LSD
(Note 2)
VX = 199mV, VREF = 200mV
3
ZOR
Zero Output Reading
VX = 0V, VREF = 2V
0
0
LSD
IIN
Bias Current:
Analog Input
±20
±100
pA
Reference Input
±20
±100
Analog Ground
±20
±500
CMRR
Common-Mode Rejection VX = 1.4V, VREF = 2V,
65
dB
fOC = 32kHz
Digital
VOL
Output Voltage
VSS = 0V,
"0" Level
0
0.05
0.05
V
Pins 14 to 23 (Note 3)
VSS = – 5V,
"0" Level
– 5
–4.95
– 4.95
VOH
Output Voltage
VSS = 0V,
"1" Level
4.95
5
4.95
V
Pins 14 to 23 (Note 3)
VSS = – 5V,
"1" Level
4.95
5
4.95
IOH
Output Current
VSS = 0V, VOH = 4.6V Source
– 0.2
– 0.36
– 0.14
mA
Pins 14 to 23
VSS = – 5V, VOH = 5V Source
– 0.5
– 0.9
– 0.35
IOL
Output Current
VSS = 0V, VOL = 0.4V Sink
0.51
0.88
0.36
mA
Pins 14 to 23
VSS = – 5V, VOL = – 4.5V Sink
1.3
2.25
0.9
fCLK
Clock Frequency
RC = 300kΩ
66
———
kHz
IDU
Input Current – DU
±0.00001
±0.3
±1
µA
Power
IQ
Quiescent Current
VDD to VEE, ISS = 0, 14433A:
VDD = 5, VEE = – 5
0.4
2
3.7
mA
VDD = 8, VEE = –8
1.4
4
7.4
VDD to VEE, ISS = 0, 14433:
VDD = 5, VEE = – 5
0.9
2
3.7
VDD = 8, VEE = –8
1.8
4
7.4
PSRR
Supply Rejection
VDD to VEE, ISS = 0, VREF = 2V
0.5
mV/V
VDD = 5, VEE = – 5
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD – VEE) ...................... – 0.5V to +18V
Voltage on Any Pin,
Reference to VEE ....................... – 0.5V to (VDD + 0.5)
DC Current, Any Pin ..............................................
±10mA
Operating Temperature Range ............... – 40
°C to +85°C
Power Dissipation (TA < 70°C)
Plastic PLCC ....................................................... 1.0W
Plastic DIP ....................................................... 940mW
SOIC ................................................................ 940mW
CerDIP ............................................................... 1.45W
Storage Temperature Range ................ – 65
°C to +160°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operation sections of
the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
3-1/2 DIGIT A/D CONVERTERS
TC14433
TC14433A


Similar Part No. - TC14433

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
TC14433 MICROCHIP-TC14433 Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
TC14433-E/LI MICROCHIP-TC14433-E/LI Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
TC14433-E/OG MICROCHIP-TC14433-E/OG Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
TC14433-E/PG MICROCHIP-TC14433-E/PG Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
More results

Similar Description - TC14433

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7106 TELCOM-TC7106 Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com