Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6416AF10ER Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6416AF10ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416AF10ER Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6416AF10ER Datasheet HTML 1Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 2Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 3Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 4Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 5Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 6Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 7Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 8Page - Torex Semiconductor XC6416AF10ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC6416
Series
③④
VR1
VR2
③④
VR1
VR2
③④
VR1
VR2
01
1.80
2.80
11
1.30
1.50
21
1.50
2.80
02
1.20
2.90
12
2.80
2.80
22
1.80
3.00
03
1.80
1.80
13
2.50
3.30
23
1.85
2.80
04
1.50
2.70
14
3.00
3.30
24
1.85
3.30
05
2.85
2.85
15
1.20
1.80
25
2.60
2.80
06
1.80
3.30
16
2.80
3.30
26
1.50
1.50
07
3.00
3.00
17
3.30
3.30
27
2.00
3.00
08
2.80
1.80
18
3.10
3.10
28
3.30
1.80
09
1.20
1.20
19
2.80
1.50
29
3.30
1.75
10
1.10
1.30
20
1.30
2.80
31
1.20
2.80
SYMBOL
DESCRIPTION
SYMBOL
DESCRIPTION
A
Output accuracy 1%, SOT-26 Auto GO, No CL discharge
B
Output accuracy 1%, SOT-26 Auto GO, Auto CL discharge
C
Output accuracy 1%, USP-6C GO selection pin, No CL discharge
D
Output accuracy 1%, USP-6C GO selection pin, Auto CL discharge
E
Output accuracy 2%, SOT-26 Auto GO, No CL discharge
F
Output accuracy 2%, SOT-26 Auto GO, Auto CL discharge
G
Output accuracy 2%, USP-6C GO selection pin, No CL discharge
Type of Regulator
EN1= High Active
H
Output accuracy 2%, USP-6C GO selection pin, Auto CL discharge
A
Output accuracy 1%, SOT-26 Auto GO, No CL discharge
B
Output accuracy 1%, SOT-26 Auto GO, Auto CL discharge
C
Output accuracy 1%, USP-6C GO selection pin, No CL discharge
D
Output accuracy 1%, USP-6C GO selection pin, Auto CL discharge
E
Output accuracy 2%, SOT-26 Auto GO, No CL discharge
F
Output accuracy 2%, SOT-26 Auto GO, Auto CL discharge
G
Output accuracy 2%, USP-6C GO selection pin, No CL discharge
Type of Regulator
EN2= High Active
H
Output accuracy 2%, USP-6C GO selection pin, Auto CL discharge
③④
Two Output Voltage
Combination
01~
Internally set sequential number (refer to the table below)
Regulator 1 Output Voltage Range: 0.8 ~ 4.0V (0.05V increments)
Regulator 2 Output Voltage Range: 0.8 ~ 4.0V (0.05V increments)
MR
SOT-26
⑤⑥
Packages
Taping Type
(*1)
ER
USP-6C
■PRODUCT CLASSIFICATION
●Ordering Information
XC6416①②③④⑤⑥
●DESIGNATOR③④
*For other output voltage combinations, please consult to Torex sales offices.
(*1) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6416AF10ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416AF10ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com