Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6501P25ANL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6501P25ANL
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501P25ANL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6501P25ANL Datasheet HTML 1Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 2Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 3Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 4Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 5Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 6Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 7Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 8Page - Torex Semiconductor XC6501P25ANL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
XC6501
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart
E-0
E-1
E-2
NOMINAL
VOLTAGE
OUTPUT
VOLTAGE
DROPOUT
VOLTAGE
SUPPLY
CURRENT
(V)
(V)
(mV)
(μA)
VOUT(E)
Vdif
ISS
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
1.20
1.1800
1.2200
1.25
1.2300
1.2700
1.30
1.2800
1.3200
1.35
1.3300
1.3700
440
690
1.40
1.3800
1.4200
1.45
1.4300
1.4700
1.50
1.4800
1.5200
1.55
1.5300
1.5700
300
610
1.60
1.5800
1.6200
1.65
1.6300
1.6700
1.70
1.6800
1.7200
1.75
1.7300
1.7700
260
530
11
17
1.80
1.7800
1.8200
1.85
1.8300
1.8700
1.90
1.8800
1.9200
1.95
1.9300
1.9700
230
470
2.00
1.9800
2.0200
2.05
2.0295
2.0705
2.10
2.0790
2.1210
2.15
2.1285
2.1715
200
430
18
2.20
2.1780
2.2220
2.25
2.2275
2.2725
2.30
2.2770
2.3230
2.35
2.3265
2.3735
12
2.40
2.3760
2.4240
2.45
2.4255
2.4745
190
410
2.50
2.4750
2.5250
2.55
2.5245
2.5755
19
2.60
2.5740
2.6260
2.65
2.6235
2.6765
2.70
2.6730
2.7270
2.75
2.7225
2.7775
210
380
2.80
2.7720
2.8280
2.85
2.8215
2.8785
2.90
2.8710
2.9290
2.95
2.9205
2.9795
150
360
13
20


Similar Part No. - XC6501P25ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501P2817R-G TOREX-XC6501P2817R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P281GR TOREX-XC6501P281GR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P281GR-G TOREX-XC6501P281GR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P281HR TOREX-XC6501P281HR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501P281HR-G TOREX-XC6501P281HR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501P25ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com