Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1413NCPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC1413NCPA
Description  3A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1413NCPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1413NCPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1413NCPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1413NCPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1413NCPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1413NCPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-205
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3A HIGH SPEED MOSFET DRIVERS
TC1413
TC1413N
10
20
30
40
50
60
70
16
14
12
10
8
6
4
VDD (VOLTS)
Rise Time vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
10
20
30
40
50
60
70
16
14
12
10
8
6
4
VDD (VOLTS)
Fall Time vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
20
30
40
50
60
70
80
90
100
110
16
14
12
10
8
6
4
VDD (VOLTS)
TD1 Propagation Delay vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
20
30
40
50
60
70
80
90
100
16
14
12
10
8
6
4
VDD (VOLTS)
TD2 Propagation Delay vs. Supply Voltage
CLOAD = 1800pF
TA = –40°C
TA = 25°C
TA = 85°C
0
1000
2000
3000
4000
5000
0
10
20
30
40
CLOAD (pF)
Rise and Fall Times vs. Capacitive Load
TA = 25°C, VDD = 16V
TFALL
TRISE
0
1000
2000
3000
4000
5000
28
29
30
31
32
33
34
35
CLOAD (pF)
Propagation Delays vs. Capacitive Load
TA = 25°C, VDD = 16V
TD2
TD1
TYPICAL CHARACTERISTICS (Cont.)


Similar Part No. - TC1413NCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1413NCPA MICROCHIP-TC1413NCPA Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413NCPA MICROCHIP-TC1413NCPA Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1413NCPA MICROCHIP-TC1413NCPA Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1413NCPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com