Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC427 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC427
Description  1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC427 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC427 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC427 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC427 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC427 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC427 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-173
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC426
TC427
TC428
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
OUTPUT
INPUT
0.1
µF
VDD
+5V
INPUT
10%
90%
10%
90%
10%
90%
18V
OUTPUT
tD1
t F
t
tD2
C = 1000pF
L
1
µF
= 18V
0V
0V
TC426
(1/2 TC428)
1
2
R
INPUT: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
OUTPUT
INPUT
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
C = 1000pF
L
TC427
(1/2 TC428)
+5V
INPUT
18V
OUTPUT
0V
0V
90%
1
2
0.1
µF
VDD
1
µF
= 18V
INPUT: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
VOLTAGE INVERTER
+ 15V
0.1
µF
4.7
µF
10
µF
47
µF
+
+–
1N4001
1N4001
VOUT
f
= 10kHz
IN
2
6
3
7
1/2
TC426
+–
-6
-8
-10
-12
0
10 20 30 40 50 60 70 80 90
I
(mA)
OUT
-7
-9
-11
-13
-5
-14
100
+ 15V
0.1
µF
4.7
µF
10
µF
47
µF
+
+
+
1N4001
1N4001
VOUT
f
= 10kHz
IN
2
6
3
7
29.
27.
25.
23.
0
10
20 30 40 50 60 70 80 90
I
(mA)
OUT
28.
26.
24.
22.
30.
100
1/2
TC426
Test Figure 1. Inverting Driver Switching Time Test Circuit
Test Figure 2. Noninverting Driver Switching Time Test Circuit
VOLTAGE DOUBLER


Similar Part No. - TC427

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC427 MICROCHIP-TC427 Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC427 MICROCHIP-TC427 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC427 MICROCHIP-TC427 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC427 MICROCHIP-TC427 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
TC427COA MICROCHIP-TC427COA Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results

Similar Description - TC427

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com