Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDV303N Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KDV303N
Description  Digital FET, N-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDV303N Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KDV303N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
0.4
0.8
1.2
1.6
2
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = 0.5A
D
10V
15V
V
= 5V
DS
0.1
0.2
0.5
1
2
5
10
20
40
0.01
0.03
0.1
0.3
1
3
5
V
, DRAI N-SOURCE VOLTAGE (V)
V
= 4.5V
SINGLE PULSE
R
=357°C/W
T = 25°C
GS
θJA
DS
DC
1s
10ms
100ms
10s
RDS(ON)
LIMIT
A
1ms
0.001
0.01
0.1
1
10
100
300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=357° C/W
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 357 °C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Figure 11. Transient Thermal Response Curve.
0.1
0.5
1
2
5
10
25
5
10
20
50
100
150
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
KDV303N
4
www.kexin.com.cn
SMD Type
IC
SMD Type
MOSFET


Similar Part No. - KDV303N

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV300 KEC-KDV300 Datasheet
349Kb / 1P
   USC PACKAGE
KDV300E KEC-KDV300E Datasheet
10Kb / 1P
   ESC PACKAGE
KDV300E KEC-KDV300E_15 Datasheet
366Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV300V KEC-KDV300V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV301E KEC-KDV301E Datasheet
10Kb / 1P
   ESC PACKAGE
More results

Similar Description - KDV303N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
   Digital FET, N-Channel
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
   Digital FET, N-Channel
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
   Digital FET , N-Channel
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com