Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAS516 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS516
Description  High Speed Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS516 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS516 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAS516 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAS516 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
1.6 0.1
0.77max
0.6 0.1
1.2 0.1
SOD-523
Unit:mm
■ Features
● Small Surface Mounting Type
● High Speed
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
85
V
DC Reverse Voltage
VR
75
V
Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Current
IFSM
0.5
A
Total Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-65to+150
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IF = 1mA
0.715
IF = 10mA
0.855
IF = 50mA
1.0
IF = 150mA
1.25
VR = 25V
0.03
VR = 75V
1.0
Capacitance Between Terminals
CT
VR = 0V, f = 1.0MHz
1.0
pF
Reverse Recovery Time
trr
IF = 10mA, RL =100
Ω
4.0
ns
Forward Voltage
VF
V
Reverse Current
IR
μA
■ Marking
Marking
6
High Speed Switching Diodes
KAS516 (BAS516)


Similar Part No. - KAS516

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
M-System Co.,Ltd.
KAS MSYSTEM-KAS Datasheet
106Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KAS-15A-B MSYSTEM-KAS-15A-B Datasheet
106Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KAS-15A-B/Q MSYSTEM-KAS-15A-B/Q Datasheet
106Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KAS-15A-C MSYSTEM-KAS-15A-C Datasheet
106Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KAS516

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com