Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6416DB12ER Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6416DB12ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416DB12ER Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6416DB12ER Datasheet HTML 1Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 2Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 3Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 4Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 5Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 6Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 7Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 8Page - Torex Semiconductor XC6416DB12ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XC6416 Series
Dual LDO Voltage Regulator with “GreenOperation”
GENERAL DESCRIPTION
The XC6416 series is a high accurate, low noise, high ripple rejection, and low dropout CMOS Dual regulator with
GreenOperation function. The series includes a reference voltage source, an error amplifier, a current limiter, and a phase
compensation circuit.
GreenOperation function provides high speed operation, low power consumption and high efficiencies by automatically
switching between a high speed mode (HS) and a power save mode (PS) depending on the load current level. The
switching point of the GreenOperation to the output current is being fixed inside the IC, thus providing operating conditions
with the most suitable level of supply current for the application. The USP-6C package has GO pin. If a high level singal is
input to the GO pin, the XC6416 can be used as a high speed fixed mode regulator.
The EN function turns each output of the two regulators independently. In this state, the electric charge at the output
capacitor (CL) is discharged via the internal auto-discharge switch, and as a result the VOUT voltage quickly returns to the VSS
level. The output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. Output voltage is
selectable in 0.05V increments within a range of 0.8V ~4.0V, using laser trimming technologies. The series includes a
fold-back circuit, which aids the operation of the current limiter and circuit protection.
APPLICATIONS
Mobile phones
Cordless phones, wireless communication equipment
Portable games
Cameras, video recorders
Portable audio equipment
PDAs
■TYPICAL APPLICATION CIRCUITS
JTR0333-006
FEATURES
Maximum Output Current
: 200mA (300mA limit, TYP.)
Dropout Voltage
: 95mV@IOUT=100mA, VOUT=3.0V
Operating Voltage Range
: 1.5V~6.0V
Output Voltage Range
: 0.8V~4.0V (0.05V increments)
High Output Accuracy
: ±1% <XC6416A/B/C/D in HS Mode>
±0.02V @ VOUT≦1.95V
±2% <XC6416E/F/G/H in HS Mode>
±0.03V @ VOUT≦1.45V
±3% <XC6416A~H in PS Mode>
±0.06V @ VOUT≦1.95V
Low Power Consumption
: 5μA/ch @ PS mode (TYP.)
28μA/ch @ HS mode (TYP.)
Stand-by Current
: Less than 0.1μA
Ripple Rejection Rate
: 60dB @ 1kHz
Operating Temperature Range: - 40OC ~ 85OC
Low ESR Capacitor
: 1.0μF Ceramic Capacitor Compatible
Small Packages
: USP-6C, SOT-26
☆GreenOperation Compatible
■TYPICAL PERFORMANCE
CHARACTERISTICS
●負荷過渡応答
XC6416CCxxER(VOUT=2.8V)
VIN=3.8V、Ta=25℃
tr=5μs
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Time (10μs/div)
0
50
100
150
200
250
300
Output Voltage : VOUT(GO Mode)
Output Current : IOUT=50mA
Output Voltage : VOUT(HS Mode)
IOUT=0.1mA
Load Transient Response


Similar Part No. - XC6416DB12ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416DB12ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com