Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2479 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2479
Description  MOS Field Effect Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2479 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2479 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2479 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain to Source On-state Resistance
RDS(on)
VGS =10V, ID = 2.0 A
5.6
7.5
Ù
Gate Cut-off Voltage
VGS(off)
VDS =10V, ID =1mA
2.5
3.5
V
Forward Transfer Admittance
Yfs
VDS =20V, ID = 2.0 A
0.8
S
Drain Cut-off Current
IDSS
VDS =VDSS,VGS = 0
100
ìA
Gate Leakage Current
IGSS
VGS =
30 V, VDS =0
100
nA
Input Capacitance
Ciss
485
pF
Output Capacitance
Coss
75
pF
Feedback Capacitance
Crss
10
pF
Turn-on Delay Time
td(on)
12
ns
Rise Time
tr
5ns
Turn-off Delay Time
td(off)
35
ns
Fall Time
tf
8ns
Total Gate Charge
Qg
17
Gate-Source Charge
Qgs
3
Gate-Drain Charge
Qgd
8
Diode Forward Voltage
VF(S-D)
IF =3.0 A, VGS =0
1.0
V
Reverse Recovery Time
trr
670
ns
Reverse Recovery Charge
Qrr
3.0
ìC
nC
IF =3.0 A, VGS =0
di/dt = 50 A/ ìs
VDS =10V
VGS =0
f= 1 MHz
ID =2.0 A
VGS =10V
VDD = 150 V
RG =10Ù
ID =3.0 A
VDD = 450 V
VGS =10V
2SK2479


Similar Part No. - 2SK2479

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2479 NEC-2SK2479 Datasheet
118Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2479 ISC-2SK2479 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2479 RENESAS-2SK2479 Datasheet
246Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Similar Description - 2SK2479

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2359 RENESAS-2SK2359 Datasheet
257Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
   MOS Field Effect Transistors
2SK2481 KEXIN-2SK2481 Datasheet
44Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2499 RENESAS-2SK2499 Datasheet
343Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1997
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
2SK2484 KEXIN-2SK2484 Datasheet
43Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2365 RENESAS-2SK2365 Datasheet
256Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ605 KEXIN-2SJ605 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com