Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4404EPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC4404EPA
Description  1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4404EPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC4404EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-219
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC4404
TC4405
INPUT
GND
EFFECTIVE
INPUT
C 12 pF
300 mV
VDD
PULL UP
PULL DOWN
2 (3)
A (B)
8 (6)
7 (5)
4
1
TC4404
INVERTING
TC4405
NONINVERTING
4.7V
FEATURES
s
Independently-Programmable Rise and Fall Times
s
Low Output Impedance ................................ 7
Ω Typ
s
High Speed tR, tF ....... <30 nsec with 1000 pF Load
s
Short Delay Times .................................... < 30 nsec
s
Wide Operating Range .......................... 4.5V to 18V
s
Latch-Up Protected ......... Will Withstand >500 mA
Reverse Current (Either Polarity)
s
Input Withstands Negative Swings Up to –5V
APPLICATIONS
s
Motor Controls
s
Driving Bipolar Transistors
s
Driver for Nonoverlapping Totem Poles
s
Reach-Up/Reach-Down Driver
1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
GENERAL DESCRIPTION
The TC4404 and TC4405 are CMOS buffer-drivers
constructed with complementary MOS outputs, where the
drains of the totem-pole output have been left separated so
that individual connections can be made to the pull-up and
pull-down sections of the output. This allows the insertion
of drain-current-limiting resistors in the pull-up and/or pull-
down sections, allowing the user to define the rates of rise
and fall for a capacitive load; or a reduced output swing, if
driving a resistive load, or to limit base current, when
driving a bipolar transistor. Minimum rise and fall times,
with no resistors, will be less than 30 nsec for a 1000-pF
load. There is no upper limit.
For driving MOSFETs in motor-control applications,
where slow-ON/fast-OFF operation is desired, these de-
vices are superior to the previously-used technique of add-
ing a diode-resistor combination between the driver output
and the MOSFET, because they allow accurate control of
turn-ON, while maintaining fast turn-OFF and maximum
noise immunity for an OFF device.
When used to drive bipolar transistors, these drivers
maintain the high speeds common to other TelCom driv-
ers. They allow insertion of a base current-limiting resistor,
while providing a separate half-output for fast turn-OFF. By
proper positioning of the resistor, either npn or pnp transis-
tors can be driven.
For driving many loads in low-power regimes, these
drivers, because they eliminate shoot-through currents in
the output stage, require significantly less power at higher
frequencies, and can be helpful in meeting low-power
budgets.
Because neither drain in an output is dependent on
the other, these devices can also be used as open-drain
buffer/drivers where both drains are available in one device,
ORDERING INFORMATION
Part No.
Package
Temperature
Range
TC4404COA
8-Pin SOIC
0
°C to +70°C
TC4404CPA
8-Pin PDIP
0
°C to +70°C
TC4404EOA
8-Pin SOIC
– 40
°C to +85°C
TC4404EPA
8-Pin PDIP
– 40
°C to +85°C
TC4404MJA
8-Pin CerDIP
– 55
°C to +125°C
TC4405COA
8-Pin SOIC
0
°C to +70°C
TC4405CPA
8-Pin PDIP
0
°C to +70°C
TC4405EOA
8-Pin SOIC
– 40
°C to +85°C
TC4405EPA
8-Pin PDIP
– 40
°C to +85°C
TC4405MJA
8-Pin CerDIP
– 55
°C to +125°C
FUNCTIONAL BLOCK DIAGRAM
TC4404/5-6 10/21/96


Similar Part No. - TC4404EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404EPA MICROCHIP-TC4404EPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404EPA MICROCHIP-TC4404EPA Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
More results

Similar Description - TC4404EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com