Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1483 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1483
Description  High Frequency Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1483 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1483 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1483 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1483 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
High Frequency Amplifier Applications
2SA1483
Features
High Transition Frequency: fT = 200MHz(typ.)
Low Collector Output Capacitance: Cob = 3.5pF(typ.)
Complementary to 2SC3803
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Base Current
IB
-50
mA
PC
500
mW
PC*
1.0
W
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on a ceramic substrate (250 mm
2 x 0.8t)
Collector Power Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB =-45V , IE =0
-0.1
uA
Emitter Cut-off Current
IEBO
VEB =-5V , IC =0
-0.1
uA
VCE =-1V , IC = -10mA
40
240
VCE =-3V , IC = -200mA
20
Collector-Emitter Saturation Voltage
VCE(sat) IC = -100mA , IB =-10mA
-0.3
V
Base-Emitter Saturation Voltage
VBE(sat) IC = -100mA , IB =-10mA
-1.0
V
Transition Frequency
fT
VCE =-10V , IC = -10mA
100
200
MHz
Input Impedance (real part)
Re(hie)
VCB =-10V , IE = 10mA , f = 200MHz
120
Collector Output Capacitance
Cob
VCB =-10V , IE = 0 , f = 1MHz
3.5
5
pF
Turn-On Time
ton
40
ns
Storage Time
tstg
250
ns
Fall Time
tf
30
ns
See Test Circuit.
DC Current Gain
hFE


Similar Part No. - 2SA1483

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
   TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
2SA1483 TOSHIBA-2SA1483 Datasheet
165Kb / 4P
   High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SA1483 TOSHIBA-2SA1483 Datasheet
171Kb / 4P
   High Frequency Amplifier Applications
2SA1483 TOSHIBA-2SA1483 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Guangdong Kexin Industr...
2SA1483 KEXIN-2SA1483 Datasheet
927Kb / 3P
   PNP Transistors
More results

Similar Description - 2SA1483

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SA1483-Y TOSHIBA-2SA1483-Y Datasheet
171Kb / 4P
   High Frequency Amplifier Applications
2SC4915-R TOSHIBA-2SC4915-R Datasheet
291Kb / 5P
   High Frequency Amplifier Applications
2SC2716 TOSHIBA-2SC2716 Datasheet
207Kb / 4P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC3803 KEXIN-2SC3803 Datasheet
363Kb / 3P
   High Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA594 TOSHIBA-2SA594 Datasheet
185Kb / 2P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS
2SC2714-O TOSHIBA-2SC2714-O Datasheet
548Kb / 8P
   High Frequency Amplifier Applications
2SC2714YTE85L TOSHIBA-2SC2714YTE85L Datasheet
548Kb / 8P
   High Frequency Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com