Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC520A Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC520A
Description  SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC520A Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC520A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-42
TELCOM SEMICONDUCTOR, INC.
TC520A
SERIAL INTERFACE ADAPTER FOR
TC500 A/D CONVERTER FAMILY
PIN DESCRIPTIONS (Cont.)
Pin No.
Pin No.
14-Pin PDIP 16-Pin SOIC
Package
Package
Symbol
Description
11
13
DIN
Input, logic level. Serial port input pin. The TC5xx A/D converter integration
time (TINT) and Autozero time (TAZ) values are determined by the LOAD
VALUE byte clocked into this pin. This initialization must take place at power
up, and can be rewritten (or modified and rewritten) at any time. The LOAD
VALUE is clocked into DIN MSB first.
12
14
LOAD
Input, active low; level and edge triggered. The LOAD VALUE is clocked into
the 8 bit shift register on board the TC520A while LOAD is held low. The LOAD
VALUE is then transferred into the TC520A internal timebase counter (and
becomes effective) when LOAD is returned high. If so desired, LOAD can be
momentarily pulsed low (eliminating the need to clock a LOAD VALUE into
DIN). In this case, the current state of DIN is clocked into the TC520A timebase
counter selecting either a count of 65536 (DIN = High), or count of 32768 (DIN = Low).
13
15
DV
Output, active low. DV is brought any time the TC520A is in the AZ phase of
conversion. This occurs when either the TC520A initiates a normal AZ phase
by setting A, B, equal to 01; or when CE is pulled high (which overrides the
normal A, B sequencing and forces an AZ state). DV is returned high when the
TC520A exits AZ.
14
16
CE
Input, active low, level triggered. Conversion will be continuously performed as
long as CE remains low. Pulling CE high causes the conversion process to be
halted, and forces the TC520 into the AZ mode for as long as CE remains
high. CE should be taken high whenever it is necessary to momentarily
suspend conversion (for example: to change the address lines of an input
multiplexer). CE should be pulled high only when the TC520A enters an AZ
phase (i.e. when DV is low). This is necessary to avoid excessively long
integrator discharge times which could result in erroneous conversion. This pin
should be grounded if unused. It should be left floating if a 0.01
µF RESET
capacitor is connected to it (see
Applications section).
DETAILED DESCRIPTION (CONT.)
TC520A Timing
The TC520A consists of a serial port and state machine.
The state machine provides control timing to both the TC5xx
A/D converter connected to the TC520A, as well as sequen-
tial timing for TC520A internal operation. All timing is de-
rived from the frequency source at OSCIN and OSCout. This
frequency source can be either an externally-provided clock
signal, or external crystal. If an external clock is used, it must
be connected to the OSCIN pin and OSCOUT must remain
floating.
If a crystal is used, it must be connected between the
OSCIN and OSCOUT and physically located as close to the
OSCIN and OSCOUT pins as possible. The incoming fre-
quency is internally divided by 4 and the resulting clock
(SYSCLK) controls all timing functions.
TC5xx A/D Converter Control Signals
The TC520A control outputs (A, B) and control input
(CMPTR) connect directly to the corresponding pins of the
TC5xx A/D converter. A conversion is consummated when
A, B have been sequenced through the required 4 phases of
conversion: Auto Zero (AZ), Integrate (INT), De-integrate
(DINT) and Integrator Zero (IZ) (See Figure 1). The Auto Zero
phase compensates for offset errors in the TC5xx A/D
converter. The integrate phase connects the voltage to be
converted to the TC5xx A/D converter input (resulting in an
integrator output dv/dt directly proportional to the magnitude
of the applied input voltage). Actual A/D conversion (count-
ing) is initiated at the start of the DINT phase and terminates
when the integrator output crosses 0V. The integrator output
is then forced to 0V during the IZ phase and the converter is
ready for another cycle. Please see the TC500/500A/510/
514 data sheet for a complete description of these phases.
The number of SYSCLK periods (counts) for the AZ and
INT phases is determined by the LOAD VALUE. The LOAD
VALUE is a single byte that must be loaded into the most
significant byte of 16 bit counter on-board the TC520A during
initialization. The lower byte of this counter is pre-loaded to
a value of 0FFH (25610) and cannot be changed.
The LOAD VALUE (upper 8 bits of the counter) can be
programmed over a range of 0FFH to 00H (corresponding to


Similar Part No. - TC520A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2002
TC520ACOE MICROCHIP-TC520ACOE Datasheet
453Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2002
TC520ACOE MICROCHIP-TC520ACOE Datasheet
208Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
TC520ACPD MICROCHIP-TC520ACPD Datasheet
453Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2002
TC520ACPD MICROCHIP-TC520ACPD Datasheet
208Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
More results

Similar Description - TC520A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC520A MICROCHIP-TC520A_13 Datasheet
208Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
   Serial Interface Adapter for TC500 A/D Converter Family
2002
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Advanced Micro Devices
AM7992B AMD-AM7992B Datasheet
224Kb / 27P
   Serial Interface Adapter (SIA)
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com