Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC534 Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC534
Description  5V PRECISION DATA ACQUISITION SUBSYSTEMS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC534 Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC534 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC534 Datasheet HTML 14Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3-56
TELCOM SEMICONDUCTOR, INC.
5V PRECISION DATA ACQUISITION
SUBSYSTEMS
TC530
TC534
20
VINMAX
RINT (MΩ) =
where: VINMAX = Maximum Input Voltage (full count
voltage)
RINT
= Integrating Resistor (in M
Ω)
For loop stability, RINT should be ≥ 50kΩ.
(2) Select Reference (CREF) and Auto Zero (CAZ)
Capacitors
CREF and CAZ must be low leakage capacitors (such
as polypropylene). The slower the conversion rate,
the larger the value CREF must be. Recommended
capacitors for CREF and CAZ are shown in Table 1.
Larger values for CAZ and CREF may also be used to
limit roll-over errors.
Table 1. CREF and CAZ Selection
Conversions Typical Value of Suggested *
Per Second
CREF, CAZ (
µF) Part Number
>7
0.1
WIMA MK12 .1/63/20
2 to 7
0.22
WIMA MK12 .22/63/20
2 or less
0.47
WIMA MK12 .47/63/20
*WIMA Corp. listing on the last page of this data sheet.
3. Calculate Integrating Capacitor (CINT)
The integrating capacitor must be selected to maxi-
mize integrator output voltage swing. The integrator
output voltage swing is defined as the absolute value
of VDD (or VSS) less 0.9V (i.e. |VDD – 0.9V| or |VSS +
0.9V|). Using the 20
µA buffer maximum output
current, the value of the integrating capacitor is
calculated using the following equation:
(VS – 0.9)
(tINT)(20)
CINT (µF) =
where: tINT
= Integration Period
VS
= Applied Supply Voltage
CINT
= Integrator Capacitor Value (in
µF)
It is critical that the integrating capacitor have a very
low dielectric absorption. PPS capacitors are an
example of one such chemistry. Table 2 summa-
rizes various capacitors suitable for CINT.
Value
Suggested Part Number*
0.1
WIMA MK12 .1/63/20
0.22
WIMA MK12 .22/63/20
0.33
WIMA MK12 .33/63/20
0.47
WIMA MK12 .47/63/20
*WIMA Corp. listing on the last page of this data sheet.
4. Calculate VREF
The reference deintegration voltage is calculated
using:
VREF (in Volts) =
(VS – 0.9)(CINT)(RINT)
2(tINT)
Serial Port
Communication with the TC530/534 is accomplished
over a 3 wire serial port. Data is clocked into DIN on the rising
edge of DCLK and clocked out of DOUT on the falling edge of
DCLK. R/W must be HIGH to read converted data from the
serial port and LOW to write the LOAD VALUE to the TC530/
534.
Load Value Write Cycle (Figure 4)
Following the power-up reset pulse, the LOAD VALUE
(which sets the duration of AZ and INT) must next be
transmitted to the serial port. To accomplish this, the proces-
sor monitors the state of EOC (which is available as a
hardware output or at DOUT). R/W is taken low to initiate the
write cycle only when EOC is low (during the AZ phase).
(Failure to observe EOC low may cause an offset voltage to
be developed across CINT resulting in erroneous readings).
The 8 bit LOAD VALUE data on DIN is clocked in by DCLK.
The processor then terminates the write cycle by taking
R/W high. (Data is transferred from the serial input shift
register to the time base counter on the rising edge of R/W,
and data conversion is initiated).
Data Read Cycle (Figure 5)
Data is shifted out of the serial port in the following order:
End of Conversion (EOC), Overrange (OVR), Sign (SGN),
conversion data (MSB first). When R/W is high, the state of
the EOC bit can be polled by simply reading the state of
DOUT. This allows the processor to determine if new data is
available without connecting an additional wire to the EOC
output pin (this is especially useful in a polled environment).
Input Multiplexer (TC534 Only)
A 4 input, differential multiplexer is included in the
TC534. The states of channel address lines A0 and A1
determine which differential VIN pair is routed to the con-
Table 2. Recommend Capacitor for CINT


Similar Part No. - TC534

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC534 MICROCHIP-TC534 Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
logo
Toshiba Semiconductor
TC534000P TOSHIBA-TC534000P Datasheet
170Kb / 4P
   4M BIT (512K WORDX8 BIT) CMOS MASK ROM SILICON GATE CMOS
logo
Microchip Technology
TC534CKW MICROCHIP-TC534CKW Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
TC534CPL MICROCHIP-TC534CPL Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
More results

Similar Description - TC534

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC530 MICROCHIP-TC530 Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
   24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com