Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1280 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1280
Description  Silicon NPN Epitaxial Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1280 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1280 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon NPN Epitaxial Planar Type
2SD1280
Features
Low collector-emitter saturation voltage VCE(sat).
Satisfactory operation performances at high efficiency
with the lowvoltage power supply.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1A
Peak collector current
ICP
2A
Collector power dissipation
PC
1W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
hFE Classification
Marking
Rank
Q
R
S
hFE
90
155
130
210
180
280
R
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter voltage
VCEO
IC =1mA, IB =0
20
V
Emitter-base voltage
VEBO
IE =10ìA, IC =0
5
V
Collector-base cutoff current
ICBO
VCB =10V, IB =0
1
ìA
VCE =2V, IC = 0.5 A
90
280
VCE =2V, IC =1.5 A
50
Collector-emitter saturation voltage
VCE(sat) IC =1A, IB =50mA
0.5
V
Base-emitter saturation voltage
VBE(sat) IC = 500 mA, IB =50mA
1.2
V
Transition frequency
fT
VCB =6V, IE = -50 mA, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB =6V, IE = 0, f = 1 MHz
18
pF
Forward current transfer ratio
hFE


Similar Part No. - 2SD1280

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1280 PANASONIC-2SD1280 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
2SD1280 PANASONIC-2SD1280 Datasheet
48Kb / 3P
   Silicon NPN epitaxial planer type(For low-voltage type medium output power amplification)
logo
Guangdong Kexin Industr...
2SD1280-HF KEXIN-2SD1280-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SD1280-Q KEXIN-2SD1280-Q Datasheet
1Mb / 3P
   NPN Transistors
2SD1280-Q-HF KEXIN-2SD1280-Q-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1280

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com