Electronic Components Datasheet Search |
|
XC6416DC14ER Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC6416DC14ER Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 30 page 6/30 XC6416 Series PARAMETER SYMBO CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT VOUT(T)≧2.0V, (C/D Series) VEN=VIN, IOUT=10mA ×0.99 (*3) ×1.01 (*3) VOUT≦1.95V, (C/D Series) VEN=VIN, IOUT=10mA -0.02 (*3) +0.02 (*3) VOUT(T)≧1.5V (G/H Series) VEN=VIN, IOUT=10mA ×0.98 (*3) ×1.02 (*3) Output Voltage 1(HS*) VOUT1(E) (*2) VOUT≦1.45V (G/H Series) VEN=VIN, IOUT=10mA -0.03 (*3) VOUT(T) (*4) +0.03 (*3) V ① VOUT(T)≧2.0V,VEN=VIN, IOUT=0.1mA ×0.97 (*3) ×1.03 (*3) Output Voltage 2 (PS*) VOUT2(E) (*2) VOUT≦1.95V,VEN=VIN, IOUT=0.1mA -0.06 (*3) VOUT(T) (*4) +0.06 (*3) V ① Output Current IOUTMAX 200 - - mA ① Load Regulation ΔVOUT VEN=VGO=VIN, E-1 mV ① Dropout Voltage (*5) Vdif IOUT=100mA, VEN=VGO=VIN E-2 mV ① Supply Current 1 (HS*) ISS1 VIN=VEN=VGO=VOUT(T)+1.0V, - 28 60 μ A ② Supply Current 2 (PS*) ISS2 VIN=VEN=VOUT(T)+1.0V, - 5.0 12 μ A ② Stand-by Current ISTBY VIN=6.0V, VEN=VSS - 0.01 0.1 μ A ② VOUT(T)+0.5V≦VIN≦6.0V VOUT(T)≧1.0V, VEN=VGO=VIN, IOUT=10mA Line Regulation 1 (HS*) ΔVOUT/ (ΔVIN・VOUT) 1.5V≦VIN≦6.0V VOUT(T)≦0.95V, VEN=VGO=VIN, OUT=10mA - 0.01 0.2 %/V ① Input Voltage VIN 1.5 - 6.0 V ① Output Voltage Temperature Characteristics ΔVOUT/ (ΔTa・VOUT) VEN=VGO=VIN, IOUT=30mA, -40℃≦Ta≦+85℃ - ±100 - ppm/℃ ① Ripple Rejection Rate PSRR VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC - 60 - dB ③ Limit Current ILIM VEN=VGO=VIN 210 300 - mA ① Short Circuit Current ISHORT VEN=VGO=VIN, - 20 - mA ① PS Switching Current IGOR VEN=VIN, VGO=VSS 0.25 1.5 - mA ① HS Switching Current IGO VEN=VIN, VGO=VSS - 4 7.5 mA ① Switching Current Hysteresis IGOhys IGOhys=IGO-IGOR - 2.5 - mA ① PS Switching Delay Time tDPS VEN=VIN, VGO=VSS E-3 μ s ① EN High Level Voltage VENH 1.2 - 6 V ① EN Low Level Voltage VENL - - 0.3 V ① EN High Level Current IENH VEN=VGO=VIN=6.0V -0.1 - 0.1 μA ① EN Low Level Current IENL VIN=6.0V, VEN=VGO=VSS -0.1 - 0.1 μA ① GO High Level Voltage VGOH VEN=VIN, IOUT=0mA 1.2 - 6 V ① GO Low Level Voltage VGOL VEN=VIN, IOUT=0mA - - 0.3 V ① GO High Level Current IGOH VEN=VGO=VIN=6.0V -0.1 - 0.1 μA ① GO Low Level Current IGOL VIN=6.0V, VEN=VGO=VSS -0.1 - 0.1 μA ① CL Discharge Resistor (*8) RDCHG VIN=6.0V, VOUT=4.0V, VEN=VSS - 550 - Ω ① Ta=25℃ ■ELECTRICAL CHARACTERISITCS (Continued) ●XC6416C/D/G/H Series Regulator 1, Regulator 2 NOTE: *HS: High Speed Mode, PS: Power Save Mode *1: Unless otherwise stated, VIN=VOUT (T) +1.0V. *2: VOUT( E)= Nominal output voltage (see the voltage chart) (ie. The output voltage when VOUT (T) +1.0V is provided at the VIN pin while maintaining a certain IOUT value. *3 : Characteristics of the effective VOUT(E) by nominal output voltage is shown in the voltage chart. *4 : VOUT(T) : Nominal output voltage *5: Vdif={VIN1 (*7)−VOUT1(*6)} *6: VOUT1: A voltage equal to 98% of the VOUT (T) when an amply stabilized VOUT ( T) +1.0V is input. *7: VIN1: The input voltage when the VOUT1 voltage appears at the VOUT pin during deceasing input voltage gradually. *8: For XC6416xD/Dx/xH/Hx series only. XC6416xC/Cx/xG/Gx series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS. *9: When each channel is measured, the other channel is turned off (VEN=VSS). |
Similar Part No. - XC6416DC14ER |
|
Similar Description - XC6416DC14ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |