Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1964IS5-5PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT1964IS5-5PBF
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964IS5-5PBF Datasheet(HTML) 2 Page - Linear Technology

  LT1964IS5-5PBF Datasheet HTML 1Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 2Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 3Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 4Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 5Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 6Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 7Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 8Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1964
2
1964fb
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±20V
OUT Pin Voltage (Note 11)......................................±20V
OUT to IN Differential Voltage (Note 11) ........ –0.5V, 20V
ADJ Pin Voltage
(with Respect to IN Pin) (Note 11)............. –0.5V, 20V
BYP Pin Voltage
(with Respect to IN Pin)..................................... ±20V
SHDN Pin Voltage
(with Respect to IN Pin) (Note 11)............. –0.5V, 35V
(Note 1)
LT1964
LT1964-SD
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT
OUT
ADJ
SHDN
IN
IN
GND
BYP
TJMAX = 125°C, θJA = 40°C/W, θJC = 16°C/W
(NOTE 13)
EXPOSED PAD (PIN 9) IS IN, MUST BE SOLDERED TO PCB
5 OUT
4 ADJ
GND 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
IN 2
SHDN 3
TJMAX = 150°C, θJA ≈125°C/W to 250°C/W
(NOTE 13)
SEE THE APPLICATIONS INFORMATION SECTION
LT1964-BYP
LT1964-5
5 OUT
4 ADJ
GND 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
IN 2
BYP 3
TJMAX = 150°C, θJA ≈125°C/W to 250°C/W
(NOTE 13)
SEE THE APPLICATIONS INFORMATION SECTION
5 OUT
4 SHDN
GND 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
IN 2
BYP 3
TJMAX = 150°C, θJA ≈125°C/W to 250°C/W
(NOTE 13)
SEE THE APPLICATIONS INFORMATION SECTION
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1964ES5-SD#PBF
LT1964ES5-SD#TRPBF
LTVX
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964ES5-BYP#PBF
LT1964ES5-BYP#TRPBF
LTVY
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964ES5-5#PBF
LT1964ES5-5#TRPBF
LTVZ
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964EDD#PBF
LT1964EDD#TRPBF
LDVM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT1964IS5-SD#PBF
LT1964IS5-SD#TRPBF
LTVX
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IS5-BYP#PBF
LT1964IS5-BYP#TRPBF
LTVY
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IS5-5#PBF
LT1964IS5-5#TRPBF
LTVZ
5-Lead Plastic SOT-23
–40°C to 125°C
LT1964IDD#PBF
LT1964IDD#TRPBF
LDVM
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
SHDN Pin Voltage
(with Respect to GND Pin)..........................–20V, 15V
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature (E, I Grade)
Range (Note 10) ............................... – 40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SOT-23 Package................................................ 300°C


Similar Part No. - LT1964IS5-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964IS5-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com