Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1964IS5-5PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1964IS5-5PBF
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964IS5-5PBF Datasheet(HTML) 5 Page - Linear Technology

  LT1964IS5-5PBF Datasheet HTML 1Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 2Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 3Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 4Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 5Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 6Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 7Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 8Page - Linear Technology LT1964IS5-5PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1964
5
1964fb
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
LT1964-5
Output Voltage
LT1964 ADJ Pin Voltage
LT1964-5
Quiescent Current
LT1964 Quiescent Current
LT1964-5
GND Pin Current
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
OUTPUT CURRENT (mA)
0
500
450
400
350
300
250
200
150
100
50
0
1964 G01
–40
–80
–120
–160
–200
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
0
500
450
400
350
300
250
200
150
100
50
0
1964 G02
–40
–80
–120
–160
–200
TJ ≤ 125°C
= TEST POINT
TJ ≤ 25°C
TEMPERATURE (°C)
500
450
400
350
300
250
200
150
100
50
0
1964 G03
IL = –100mA
IL = –50mA
IL = –10mA
IL = –1mA
IL = –200mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1964 G04
VIN = –6V
RL = 250k (∞ FOR LT1964-5)
IL = –5μA (0 FOR LT1964-5)
–50
–25
0
25
50
75
100
125
VSHDN = VIN
VSHDN = 0V
TEMPERATURE (°C)
–5.12
–5.09
–5.06
–5.03
–5.00
–4.97
–4.94
–4.91
–4.88
1964 G05
IL = –1mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–1.240
–1.235
–1.230
–1.225
–1.220
–1.215
–1.210
–1.205
–1.200
1964 G06
IL = –1mA
–50
–25
0
25
50
75
100
125
INPUT VOLTAGE (V)
–40
–35
–30
–25
–20
–15
–10
–5
–0
1964 G07
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
TJ = 25°C
RL = ∞
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
–40
–35
–30
–25
–20
–15
–10
–5
–0
1964 G08
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
TJ = 25°C
RL = 250k
IL = –5μA
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G09
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = –5V
RL = 25
IL = –200mA*
RL = 50
IL = –100mA*
RL = 100
IL = –50mA*
RL = 500
IL = –10mA*


Similar Part No. - LT1964IS5-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964IS5-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com