Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965IDD-2.5-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1965IDD-2.5-PBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965IDD-2.5-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT1965IDD-2.5-PBF Datasheet HTML 1Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 2Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 3Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 4Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 5Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 6Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 7Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 8Page - Linear Technology LT1965IDD-2.5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1965 Series
1
1965fa
FEATURES
APPLICATIONS
DESCRIPTION
1.1A, Low Noise,
Low Dropout Linear Regulator
The LT®1965 series are low noise, low dropout linear regu-
lators. The devices supply 1.1A of output current with a
310mV typical dropout voltage. Operating quiescent current
is 500μA for the adjustable version, reducing to <1μA in
shutdown. Quiescent current is well controlled; it does not
rise in dropout as with many other regulators. The LT1965
regulators have very low output noise which makes them
ideal for sensitive RF and DSP supply applications.
Output voltage ranges from 1.20V to 19.5V. The LT1965
regulators are stable with output capacitors as low as
10μF. Internal protection circuitry includes reverse battery
protection, current limiting with foldback, thermal limiting
and reverse current protection. The LT1965 series are
available in fixed output voltages of 1.5V, 1.8V, 2.5V, 3.3V,
and as an adjustable device with a 1.20V reference voltage.
The package offerings include the 5-lead TO-220, 5-lead
DD-PAK as well as the thermally enhanced 8-lead MSOP
and low-profile (0.75mm) 8-lead 3mm × 3mm DFN.
3.3V to 2.5V Regulator
n Output Current: 1.1A
n Dropout Voltage: 310mV
n Low Noise: 40μVRMS (10Hz to 100kHz)
n 500μA Quiescent Current (Adjustable Version)
n Wide Input Voltage Range: 1.8V to 20V
n No Protection Diodes Needed
n Controlled Quiescent Current in Dropout
n Adjustable Output from 1.20V to 19.5V
n Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
n < 1μA Quiescent Current in Shutdown
n Stable with 10μF Output Capacitor
n Stable with Ceramic, Tantalum or Aluminum
Electrolytic Capacitors
n Reverse Battery Protection
n No Reverse Current
n Current Limit with Foldback Protection
n Thermal Limiting
n 5-Lead TO-220, DD-PAK, Thermally Enhanced 8-Lead
MSOP and 8-Lead 3mm × 3mm DFN Packages
n Logic Power Supplies
n Post Regulator for Switching Supplies
n Low Noise Instrumentation
Dropout Voltage
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CURRENT (A)
0
0
100
200
300
0.2
0.4
0.6
0.8
1
400
50
150
250
350
1.2
1965 TA01b
TJ = 25°C
IN
SHDN
10μF*
*CERAMIC, TANTALUM OR
ALUMINUM ELECTROLYTIC
1965 TA01
OUT
VIN > 3V
TO 20V
SENSE
GND
LT1965-2.5
2.5V
1.1A
10μF*
+
+


Similar Part No. - LT1965IDD-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965IDD-2.5-PBF LINER-LT1965IDD-2.5-PBF Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965IDD-2.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com