Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1964IS5-SD Datasheet(PDF) 7 Page - Linear Technology

Part # LT1964IS5-SD
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964IS5-SD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1964IS5-SD Datasheet HTML 3Page - Linear Technology LT1964IS5-SD Datasheet HTML 4Page - Linear Technology LT1964IS5-SD Datasheet HTML 5Page - Linear Technology LT1964IS5-SD Datasheet HTML 6Page - Linear Technology LT1964IS5-SD Datasheet HTML 7Page - Linear Technology LT1964IS5-SD Datasheet HTML 8Page - Linear Technology LT1964IS5-SD Datasheet HTML 9Page - Linear Technology LT1964IS5-SD Datasheet HTML 10Page - Linear Technology LT1964IS5-SD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1964
7
1964fb
Input Ripple Rejection
LT1964-BYP
Minimum Input Voltage
LT1964, LT1964-SD
Minimum Input Voltage
TEMPERATURE (°C)
60
58
56
54
52
50
48
46
44
1964 G19
VIN = VOUT(NOMINAL) – 1V +
0.5VP-P RIPPLE AT f = 120Hz
IL = –200mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G20
NOTE: THE MINIMUM INPUT VOLTAGE
ACCOUNTS FOR THE OPERATING
THRESHOLD OF THE SHDN PIN WHICH
IS TIED TO THE IN PIN INTERNALLY
IL = –200mA
IL = –1mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G21
IL = –200mA
IL = –1mA
–50
–25
0
25
50
75
100
125
NOTE: THE SHDN PIN THRESHOLD
MUST BE MET TO ENSURE
DEVICE OPERATION
Current Limit
Current Limit
Input Ripple Rejection
INPUT/OUTPUT DIFFERENTIAL (V)
0
–600
–500
–400
–300
–200
–100
0
1964 G16
–4
–8
–12
–16
–20
ΔVOUT = 100mV
TEMPERATURE (°C)
–600
–500
–400
–300
–200
–100
0
1964 G17
–50
–25
0
25
50
75
100
125
VIN = –7V
VOUT = 0V
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
1964 G18
IL = –200mA
VIN = VOUT(NOMINAL) – 1V +
50mVRMS RIPPLE
CBYP = 0
COUT = 10μF
COUT = 1μF
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1964IS5-SD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964IS5-SD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com