Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1970CFE Datasheet(PDF) 11 Page - Linear Technology

Part # LT1970CFE
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970CFE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1970CFE Datasheet HTML 7Page - Linear Technology LT1970CFE Datasheet HTML 8Page - Linear Technology LT1970CFE Datasheet HTML 9Page - Linear Technology LT1970CFE Datasheet HTML 10Page - Linear Technology LT1970CFE Datasheet HTML 11Page - Linear Technology LT1970CFE Datasheet HTML 12Page - Linear Technology LT1970CFE Datasheet HTML 13Page - Linear Technology LT1970CFE Datasheet HTML 14Page - Linear Technology LT1970CFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1970
1970fb
APPLICATIO S I FOR ATIO
its very high transconductance, takes control from the input
stage, GM1. The output current is regulated to a value of
IOUT = VSENSE/RSENSE = (VCSRC or VCSNK)/(10 • RSENSE).
The time required for the current limit amplifiers to take
control of the output is typically 4
µs.
Linear operation of the current limit sense amplifier oc-
curs with the inputs SENSE+ and SENSEranging be-
tween VCC – 1.5V and VEE + 1.5V. Most applications will
connect pins SENSE+ and OUT together, with the load on
the opposite side of the external sense resistor and pin
SENSE. Feedback to the inverting input of GM1 should be
connected from SENSEto – IN. Ground side sensing of
load current may be employed by connecting the load
between pins OUT and SENSE+. Pin SENSEwould be
connected to ground in this instance. Load current would
be regulated in exactly the same way as the conventional
connection. However, voltage mode accuracy would be
degraded in this case due to the voltage across RSENSE.
Creative applications are possible where pins SENSE+ and
SENSEmonitor a parameter other than load current. The
operating principle that at most one of the current limit
stages may be active at one time, and that when active, the
current limit stages take control of the output from GM1,
can be used for many different signals.
Current Limit Threshold Control Buffers
Input pins VCSNK and VCSRC are used to set the response
thresholds of current limit amplifiers “ISINK” and “ISRC”.
Each of these inputs may be independently driven by a
voltage of 0V to 5V above the COMMON reference pin. The
0V to 5V input voltage is attenuated by a factor of 10 and
applied as an offset to the appropriate current limit ampli-
fier. AC signals may be applied to these pins. The AC
bandwidth from a VC pin to the output is typically 2MHz.
For proper operation of the LT1970, these control inputs
cannot be left floating.
For low VCC supply applications it is important to keep the
maximum input control voltages, VCSRC and VCSNK, at
least 2.5V below the VCC potential. This ensures linear
control of the current limit threshold. Reducing the current
limit sense resistor value allows high output current from
a smaller control voltage which may be necessary if the
VCC supply is only 5V.
The transfer function from VC to the associated VOS is
linear from about 0.1V to 5V in, or 10mV to 500mV at the
current limit amplifier inputs. An intentional nonlinearity
is built into the transfer functions at low levels. This non-
linearity insures that both the sink and source limit ampli-
fiers cannot become active simultaneously. Simultaneous
activation of the limit amplifiers could result in uncon-
trolled outputs. As shown in the Typical Performance
Characteristics curves, the control inputs have a “hockey
stick” shape, to keep the minimum limit threshold at 4mV
for each limit amplifier.
Figure 1 illustrates an interesting use of the current sense
input pins. Here the current limit control amplifiers are
used to produce a symmetrically limited output voltage
swing. Instead of monitoring the output current, the
output voltage is divided down by a factor of 20 and
applied to the SENSE+ input, with the SENSEinput
grounded. When the threshold voltage between SENSE+
and SENSE(VCLAMP/10) is reached, the current limit
stage takes control of the output and clamps it a level of
±2
• VCLAMP. With control inputs VCSRC and VCSNK tied
together, a single polarity input voltage sets the same +
and – output limit voltage for symmetrical limiting. In this
circuit the output will current limit at the built-in fail-safe
level of typically 800mA.
VCSRC
COMMON
VEE
VCSNK
V
FILTER
V+
12V
EN
VCC
ISNK
ISRC
SENSE
SENSE+
TSD
OUT
+IN
R3
3k
80mV
TO
10V
–80mV
TO
–10V
±CLAMP
REACHED
OUTPUT CLAMPS
AT 2
× VCLAMP
VCLAMP
OV TO 5V
VIN
LT1970
–12V
–IN
R1
21.5k
RL
1970 F01
R2
1.13k
RF
RG
Figure 1. Symmetrical Output Voltage Limiting


Similar Part No. - LT1970CFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970CFE LINER-LT1970CFE Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results

Similar Description - LT1970CFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com