Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1964ES5-5TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT1964ES5-5TRPBF
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964ES5-5TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1964ES5-5TRPBF Datasheet HTML 7Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 8Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 9Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 10Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 11Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 12Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 13Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 14Page - Linear Technology LT1964ES5-5TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1964
11
1964fb
APPLICATIONS INFORMATION
Figure 1. Adjustable Operation
The LT1964 is a 200mA negative low dropout regulator with
micropower quiescent current and shutdown. The device
is capable of supplying 200mA at a dropout voltage of
340mV. Output voltage noise can be lowered to 30μVRMS
over a 10Hz to 100kHz bandwidth with the addition of a
0.01μF reference bypass capacitor. Additionally, the refer-
ence bypass capacitor will improve transient response of
the regulator, lowering the settling time for transient load
conditions. The low operating quiescent current (30μA)
drops to 3μA in shutdown. In addition to the low quies-
cent current, the LT1964 incorporates several protection
features which make it ideal for use in battery-powered
systems. In dual supply applications where the regulator
load is returned to a positive supply, the output can be
pulled above ground by as much as 20V and still allow
the device to start and operate.
Adjustable Operation
The adjustable version of the LT1964 has an output volt-
age range of –1.22V to –20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 1.
The device servos the output to maintain the voltage at
the ADJ pin at –1.22V referenced to ground. The current
in R1 is then equal to –1.22V/R1 and the current in R2 is
the current in R1 plus the ADJ pin bias current. The ADJ
pin bias current, 30nA at 25°C, flows through R2 out of
the ADJ pin. The output voltage can be calculated using
the formula in Figure 1. The value of R1 should be less
than 250k to minimize errors in the output voltage caused
by the ADJ pin bias current. Note that in shutdown the
output is turned off and the divider current will be zero.
Curves of ADJ Pin Voltage vs Temperature and ADJ Pin Bias
Current vs Temperature appear in the Typical Performance
Characteristics section.
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin and a 5μA DC load (unless otherwise
specified) for an output voltage of –1.22V. Specifications
for output voltages greater than –1.22V will be propor-
tional to the ratio of the desired output voltage to –1.22V;
(VOUT/–1.22V). For example, load regulation for an output
current change of 1mA to 200mA is 2mV typical at VOUT =
–1.22V. At VOUT = –12V, load regulation is:
(–12V/–1.22V) • (2mV) = 19.6mV
Bypass Capacitance and Low Noise Performance
The LT1964 may be used with the addition of a bypass
capacitor from VOUT to the BYP pin to lower output voltage
noise. A good quality low leakage capacitor is recom-
mended. This capacitor will bypass the reference of the
LT1964, providing a low frequency noise pole. The noise
pole provided by this bypass capacitor will lower the out-
put voltage noise to as low as 30μVRMS with the addition
of a 0.01μF bypass capacitor. Using a bypass capacitor
has the added benefit of improving transient response.
With no bypass capacitor and a 10μF output capacitor, a
–10mA to –200mA load step will settle to within 1% of
its final value in less than 100μs. With the addition of a
0.01μF bypass capacitor, the output will stay within 1%
for the same –10mA to –200mA load step (see LT1964-5
Transient Response in the Typical Characteristics section).
However, regulator start-up time is proportional to the size
of the bypass capacitor.
Higher values of output voltage noise may be measured
if care is not exercised with regard to circuit layout and
testing. Crosstalk from nearby traces can induce unwanted
noise onto the output of the LT1964-X.
1964 F01
GND
ADJ
IN
OUT
LT1964
VIN
VOUT
+
R1
R2
VOUT = –1.22V(1 +
) – (IADJ)(R2)
VADJ = –1.22V
IADJ = 30nA AT 25°C
OUTPUT RANGE = –1.22V TO –20V
R2
R1


Similar Part No. - LT1964ES5-5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964ES5-5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com