Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1976BIFE Datasheet(PDF) 6 Page - Linear Technology

Part # LT1976BIFE
Description  High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976BIFE Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1976BIFE Datasheet HTML 2Page - Linear Technology LT1976BIFE Datasheet HTML 3Page - Linear Technology LT1976BIFE Datasheet HTML 4Page - Linear Technology LT1976BIFE Datasheet HTML 5Page - Linear Technology LT1976BIFE Datasheet HTML 6Page - Linear Technology LT1976BIFE Datasheet HTML 7Page - Linear Technology LT1976BIFE Datasheet HTML 8Page - Linear Technology LT1976BIFE Datasheet HTML 9Page - Linear Technology LT1976BIFE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT1976/LT1976B
6
1976bfg
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Peak Current Limit
Soft-Start Current Threshold
vs FB Voltage
Oscillator Frequency
vs FB Voltage
TEMPERATURE (
°C)
–50
1.5
2.0
2.5
3.0
3.5
–25
–0
25
50
1976 G10
75
100
150
125
FB VOLTAGE (V)
0
0
10
20
30
0.2
0.4
0.6
0.8
1976 G11
1.0
40
50
5
15
25
35
45
1.2
SOFT-START
DEFEATED
TJ = 25°C
FB VOLTAGE (V)
0
0
50
100
150
0.2
0.4
0.6
0.8
1976 G12
1.0
200
250
1.2
TJ = 25°C
Switch On Voltage (VCESAT)
LOAD CURRENT (A)
0
50
150
200
250
500
350
0.7
0.9
1976 G13
100
400
450
300
0.5
1.1
1.3
1.5
TJ = 125°C
TJ = 25°C
TJ = –50°C
INPUT VOLTAGE (V)
0
0
50
100
10
20
30
40
1976 F05
50
150
25
75
125
60
VOUT = 3.3V
TA = 25°C
LT1976 Supply Current
vs Input Voltage
LOAD CURRENT (mA)
0
5.5
6.0
6.5
1600
1976 G19
5.0
4.5
3.0
400
800
1200
200
600
1000
1400
4.0
3.5
7.5
7.0
5V START
3.3V START
5V RUNNING
3.3V RUNNING
Minimum Input Voltage
LT1976 Burst Mode Threshold
vs Input Voltage
INPUT VOLTAGE (V)
5
120
160
200
21
1975 G20
80
40
100
140
180
60
20
0
9
7
13
11
17 19
23
15
25
VOUT = 3.3V
L = 33
μH
COUT = 100μF
PGFB Threshold
1976 G08
1.16
1.08
1.04
1.00
1.20
1.12
1.14
1.06
1.02
1.18
1.10
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
150
125
PG Sink Current
1976 G08
200
100
50
0
250
150
TEMPERATURE (
°C)
–50
0
50
75
–25
25
100
150
125


Similar Part No. - LT1976BIFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
More results

Similar Description - LT1976BIFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com