Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991HDD-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1991HDD-PBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991HDD-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT1991HDD-PBF Datasheet HTML 1Page - Linear Technology LT1991HDD-PBF Datasheet HTML 2Page - Linear Technology LT1991HDD-PBF Datasheet HTML 3Page - Linear Technology LT1991HDD-PBF Datasheet HTML 4Page - Linear Technology LT1991HDD-PBF Datasheet HTML 5Page - Linear Technology LT1991HDD-PBF Datasheet HTML 6Page - Linear Technology LT1991HDD-PBF Datasheet HTML 7Page - Linear Technology LT1991HDD-PBF Datasheet HTML 8Page - Linear Technology LT1991HDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT1991
5
1991fg
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔG
Gain Error
VS = ±15V, VOUT = ±10V; RL = 10k
G = 1
G = 3 or 9
l
l
±0.08
±0.12
%
%
GNL
Gain Nonlinearity
VS = ±15V; VOUT = ±10V; RL = 10k
l
110
ppm
ΔG/ΔT
Gain Drift vs Temperature (Note 6)
VS = ±15V; VOUT = ±10V; RL = 10k
l
0.3
3
ppm/°C
CMRR
Common Mode Rejection Ratio,
Referred to Inputs (RTI)
VS = ±15V; VCM = ±15.2V
G = 9
G = 3
G = 1
l
l
l
77
70
70
100
93
90
dB
dB
dB
VCM
Input Voltage Range (Note 7)
P1/M1 Inputs
VS = ±15V; VREF = 0V
VS = 5V, 0V; VREF = 2.5V
VS = 3V, 0V; VREF = 1.25V
l
l
l
–28
–0.5
0.75
27.6
5.1
2.35
V
V
V
P1/M1 Inputs, P9/M9 Connected to REF
VS = ±15V; VREF = 0V
VS = 5V, 0V; VREF = 2.5V
VS = 3V, 0V; VREF = 1.25V
l
l
l
–60
–14
–1.5
60
16.8
7.3
V
V
V
P3/M3 Inputs
VS = ±15V; VREF = 0V
VS = 5V, 0V; VREF = 2.5V
VS = 3V, 0V; VREF = 1.25V
l
l
l
–15.2
0.5
0.95
15.2
4.2
1.95
V
V
V
P9/M9 Inputs
VS = ±15V; VREF = 0V
VS = 5V, 0V; VREF = 2.5V
VS = 3V, 0V; VREF = 1.25V
l
l
l
–15.2
0.85
1.0
15.2
3.9
1.9
V
V
V
VOS
Op Amp Offset Voltage (Note 8)
LT1991MS
l
25
100
285
μV
μV
LT1991DD
l
25
150
295
μV
μV
ΔVOS/ΔT
Op Amp Offset Voltage Drift (Note 6)
l
0.3
1
μV/°C
IB
Op Amp Input Bias Current (Note 11)
l
2.5
5
25
nA
nA
IOS
Op Amp Input Offset Current (Note 11)
l
50
1000
4500
pA
pA
Op Amp Input Noise Voltage
0.01Hz to 1Hz
0.01Hz to 1Hz
0.1Hz to 10Hz
0.1Hz to 10Hz
0.35
0.07
0.25
0.05
μVP-P
μVRMS
μVP-P
μVRMS
en
Input Noise Voltage Density
G = 1; f = 1kHz
G = 9; f = 1kHz
180
46
nV/√Hz
nV/√Hz
RIN
Input Impedance (Note 10)
P1 (M1 = Ground)
P3 (M3 = Ground)
P9 (M9 = Ground)
l
l
l
630
420
350
900
600
500
1170
780
650
M1 (P1 = Ground)
M3 (P3 = Ground)
M9 (P9 = Ground)
l
l
l
315
105
35
450
150
50
585
195
65
ΔR
Resistor Matching (Note 9)
450k Resistors
Other Resistors
l
l
0.02
0.04
0.08
0.12
%
%
ΔR/ΔT
Resistor Temperature Coefficient (Note 6) Resistor Matching
Absolute Value
l
l
0.3
–30
3
ppm/°C
ppm/°C
The
l denotes the specifications which apply over the operating
temperature range of –40°C to 125°C for H-grade parts, otherwise specifications are at TA = 25°C. Difference amplifier configuration,
VS = 5V, 0V or ±15V; VCM = VREF = half supply, unless otherwise noted.


Similar Part No. - LT1991HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1991 LINER-LT1991 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1991 LINER-LT1991 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LT1991 LINER-LT1991 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LT1991HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com