Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1993-4 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1993-4
Description  900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-4 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1993-4 Datasheet HTML 3Page - Linear Technology LT1993-4 Datasheet HTML 4Page - Linear Technology LT1993-4 Datasheet HTML 5Page - Linear Technology LT1993-4 Datasheet HTML 6Page - Linear Technology LT1993-4 Datasheet HTML 7Page - Linear Technology LT1993-4 Datasheet HTML 8Page - Linear Technology LT1993-4 Datasheet HTML 9Page - Linear Technology LT1993-4 Datasheet HTML 10Page - Linear Technology LT1993-4 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1993-4
7
19934fa
Distortion (Filtered) vs Frequency
Differential Input, No RLOAD
Distortion (Unfiltered) vs
Frequency, Differential Input,
No RLOAD
Distortion vs Output Amplitude
70MHz Differential Input
No RLOAD
Output 1dB Compression vs
Frequency
Noise Figure vs Frequency
Reverse Isolation vs Frequency
Differential Input Impedance vs
Frequency
Differential Output Impedance vs
Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
10
100
1000
19934 G10
–80
–90
–100
–110
–20
–10
FILTERED OUTPUTS
VOUT = 2VP-P
HD2
HD3
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
10
100
1000
19934 G11
–80
–90
–100
–110
–20
–10
UNFILTERED OUTPUTS
VOUT = 2VP-P
HD2
HD3
OUTPUT AMPLITUDE (dBm)
–1
–100
–90
–80
–70
1
3
57
19934 G12
9
–60
–50
–95
–85
–75
–65
–55
11
HD3 UNFILTERED
OUTPUTS
HD3 FILTERED
OUTPUTS
HD2 UNFILTERED
OUTPUTS
HD2 FILTERED
OUTPUTS
FREQUENCY (MHz)
1
30
25
20
15
10
5
0
–5
–10
10
100
1000
19934 G13
RLOAD = 400Ω
RLOAD = 100Ω
UNFILTERED OUTPUTS
FREQUENCY (MHz)
25
20
15
''!" /"
0
10
5
1000
10
100
VCC = 5V
MEASURED USING
DC800A DEMO BOARD
Input Referred Noise Voltage vs
Frequency
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
1
100
1000
10000
19934 G16
10
UNFILTERED OUTPUTS
FREQUENCY (MHz)
1
0
25
50
75
100
10
100
1000
''!" /%
–25
–50
–75
–100
125
150
IMPEDANCE MAGNITUDE
IMPEDANCE PHASE
FREQUENCY (MHz)
1
0.1
1
10
100
10
100
1000
''!" /&
UNFILTERED OUTPUTS
FREQUENCY (MHz)
10
0
1
2
3
4
6
100
1000
19934 G15
5


Similar Part No. - LT1993-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-4 LINER-LT1993-4 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-4 LINER-LT1993-4 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-4 LINER-LT1993-4 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-4 LINER-LT1993-4 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
More results

Similar Description - LT1993-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com