Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991ACDD-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1991ACDD-TRPBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991ACDD-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT1991ACDD-TRPBF Datasheet HTML 1Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 2Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 3Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 4Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 5Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 6Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 7Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 8Page - Linear Technology LT1991ACDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT1991
4
1991fg
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Impedance (Note 10)
P1 (M1 = Ground)
P3 (M3 = Ground)
P9 (M9 = Ground)
l
l
l
630
420
350
900
600
500
1170
780
650
M1 (P1 = Ground)
M3 (P3 = Ground)
M9 (P9 = Ground)
l
l
l
315
105
35
450
150
50
585
195
65
ΔR
Resistor Matching (Note 9)
450k Resistors, LT1991A
Other Resistors, LT1991A
450k Resistors, LT1991
Other Resistors, LT1991
l
l
l
l
0.01
0.02
0.02
0.04
0.04
0.06
0.08
0.12
%
%
%
%
ΔR/ΔT
Resistor Temperature Coefficient (Note 6) Resistor Matching
Absolute Value
l
l
0.3
–30
3
ppm/°C
ppm/°C
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±18V (Note 8)
l
105
135
dB
Minimum Supply Voltage
l
2.4
2.7
V
VOUT
Output Voltage Swing (to Either Rail)
No Load
VS = 5V, 0V
VS = 5V, 0V
VS = ±15V
l
l
40
55
65
110
mV
mV
mV
1mA Load
VS = 5V, 0V
VS = 5V, 0V
VS = ±15V
l
l
150
225
275
300
mV
mV
mV
ISC
Output Short-Circuit Current (Sourcing)
Drive Output Positive;
Short Output to Ground
l
8
4
12
mA
mA
Output Short-Circuit Current (Sinking)
Drive Output Negative;
Short Output to VS or Midsupply
l
8
4
21
mA
mA
BW
–3dB Bandwidth
G = 1
G = 3
G = 9
110
78
40
kHz
kHz
kHz
GBWP
Op Amp Gain Bandwidth Product
f = 10kHz
560
kHz
tr, tf
Rise Time, Fall Time
G = 1; 0.1V Step; 10% to 90%
G = 9; 0.1V Step; 10% to 90%
3
8
μs
μs
ts
Settling Time to 0.01%
G = 1; VS = 5V, 0V; 2V Step
G = 1; VS = 5V, 0V; –2V Step
G = 1; VS = ±15V, 10V Step
G = 1; VS = ±15V, –10V Step
42
48
114
74
μs
μs
μs
μs
SR
Slew Rate
VS = 5V, 0V; VOUT = 1V to 4V
VS = ±15V; VOUT = ±10V; VMEAS = ±5V
l
l
0.06
0.08
0.12
0.12
V/μs
V/μs
Is
Supply Current
VS = 5V, 0V
l
100
110
150
μA
μA
VS = ±15V
l
130
160
210
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the operating
temperature range of 0°C to 70°C for C-grade parts and –40°C to 85°C for I-grade parts, otherwise specifications are at TA = 25°C.
Difference amplifier configuration, VS = 5V, 0V or ±15V; VCM = VREF = half supply, unless otherwise noted.


Similar Part No. - LT1991ACDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991ACDD LINEAR-LT1991ACDD Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - LT1991ACDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com