Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991IDD-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT1991IDD-TRPBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991IDD-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1991IDD-TRPBF Datasheet HTML 4Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 5Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 6Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 7Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 8Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 9Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 10Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 11Page - Linear Technology LT1991IDD-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT1991
8
1991fg
GAIN SETTING (V/V)
1
120
100
80
60
40
20
0
35
7
9
1991 G10
11
13
2
4
6
8
10
12
VS = 5V, 0V
TA = 25°C
Bandwidth vs Gain
CMRR vs Frequency
PSRR vs Frequency
Output Impedance vs Frequency
CMRR vs Temperature
Gain Error vs Temperature
Gain vs Frequency
Gain and Phase vs Frequency
0.01Hz to 1Hz Voltage Noise
(Difference Amplifier Configuration)
FREQUENCY (Hz)
120
110
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1991 G11
100
100k
VS = 5V, 0V
TA = 25°C
GAIN = 9
GAIN = 1
GAIN = 3
120
110
100
90
80
70
60
50
40
30
20
10
0
VS = 5V, 0V
TA = 25°C
GAIN = 9
GAIN = 1
GAIN = 3
FREQUENCY (Hz)
10
1k
10k
1991 G12
100
100k
FREQUENCY (Hz)
1
100
1k
100k
10k
1991 G13
10
1000
100
10
1
0.1
0.01
VS = 5V, 0V
TA = 25°C
GAIN = 9
GAIN = 1
GAIN = 3
TEMPERATURE (°C)
–50
120
100
80
60
40
20
0
25
75
1991 G14
–25
0
50
100
125
GAIN = 1
VS = ±15V
REPRESENTATIVE UNITS
TEMPERATURE (°C)
–50
0.030
0.025
0.020
0.015
0.010
0.005
0
25
75
1991 G15
–25
0
50
100
125
GAIN = 1
VS = ±15V
REPRESENTATIVE UNITS
FREQUENCY (kHz)
1
30
20
10
0
–10
–20
10
100
600
1991 G16
GAIN = 9
GAIN = 3
GAIN = 1
VS = 5V, 0V
TA = 25°C
FREQUENCY (kHz)
1
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
0
–45
–90
–135
–180
10
100
400
1991 G17
0.5
VS = 5V, 0V
TA = 25°C
GAIN = 1
PHASE
GAIN
VS = ±15V
TA = 25°C
MEASURED IN G =13
REFERRED TO OP AMP INPUTS
0
10 2030 405060 70 80 90 100
TIME (s)
1991 G21
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1991IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991IDD LINEAR-LT1991IDD Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - LT1991IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com