Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963AEST-2.5TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT1963AEST-2.5TR
Description  1.5A, Low Noise,Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AEST-2.5TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1963AEST-2.5TR Datasheet HTML 7Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 8Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 9Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 10Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 11Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 12Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 13Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 14Page - Linear Technology LT1963AEST-2.5TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT1963A Series
11
1963afd
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1963A G31
100
100k
COUT = 10μF TANTALUM
COUT = 100μF TANTALUM
+10 × 1μF CERAMIC
IL = 0.75A
VIN = VOUT(NOMINAL) +1V + 50mVRMS RIPPLE
TEMPERATURE (°C)
–50
76
74
72
70
68
66
64
62
25
75
1963A G32
–25
0
50
100
125
IL = 0.75A
VIN = VOUT(NOMINAL) +1V + 0.5VP-P
RIPPLE AT f = 120Hz
Ripple Rejection
Ripple Rejection
TEMPERATURE (°C)
–50
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
1963A G33
–25
0
50
100
125
IL = 1.5A
IL = 500mA
IL = 100mA
LT1963A Minimum Input Voltage
TEMPERATURE (°C)
–50
10
5
0
–5
–10
–15
–20
25
75
1963A G34
–25
0
50
100
125
LT1963A
LT1963A-3.3
LT1963A-1.8
LT1963A-2.5
LT1963A-1.5
VIN = VOUT(NOMINAL) +1V
(LT1963A-1.8/-2.5/-3.3)
VIN = 2.7V (LT1963A/LT1963A-1.5)
ΔIL = 1mA TO 1.5A
FREQUENCY (Hz)
0.01
0.1
10
100
1k
10k
100k
1.0
1963A G35
COUT = 10μF
IL =1.5A
LT1963A-3.3
LT1963A-2.5
LT1963A-1.8
LT1963A
LT1963A-1.5
Load Regulation
Output Noise Spectral Density
LOAD CURRENT (A)
50
45
40
35
30
25
20
15
10
5
0
0.0001
0.01
0.1
10
1963A G36
0.001
1
COUT = 10μF
LT1963A-3.3
LT1963A-2.5
LT1963A-1.8
LT1963A-1.5
LT1963A
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
ILOAD = 1.5A
1963A G37
RMS Output Noise vs Load
Current (10Hz to 100kHz)
LT1963A-3.3 10Hz to 100kHz Output Noise


Similar Part No. - LT1963AEST-2.5TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AEST-2.5 LINER-LT1963AEST-2.5 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEST-2.5 LINER-LT1963AEST-2.5 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AEST-2.5 LINER-LT1963AEST-2.5 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AEST-2.5 LINEAR-LT1963AEST-2.5 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEST-2.5 LINEAR-LT1963AEST-2.5 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AEST-2.5TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com