Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC7129
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7129 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7129 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7129 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3-235
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTIONS
Pin No.
Pin No.
Pin No.
40-Pin
44-Pin
44-Pin
TC7129CPL
TC7129CKW
TC7129CLW
Symbol
Function
34
32
38
REF HI
Positive reference voltage in
35
33
39
REF LO
Negative reference voltage
36
34
40
DGND
Internal ground reference for digital section. See "
±5V Power
Supply" paragraph.
37
35
41
RANGE
3
µA pull-down for 200 mV scale. Pulled HI externally for 2V
scale.
38
36
42
DP2
Internal 3
µA pull-down. When HI, decimal point 2 will be on.
39
37
43
DP1
Internal 3
µA pull-down. When HI, decimal point 1 will be on.
40
38
44
OSC2
Output of first clock inverter. Input of second clock inverter.
6,17, 28, 39
12, 23, 34,1
NC
No Connection
COMPONENT SELECTION
(All pin designations refer to 40-Pin Dip)
The TC7129 is designed to be the heart of a high-
resolution analog measurement instrument. The only addi-
tional components required are a few passive elements, a
voltage reference, an LCD, and a power source. Most
component values are not critical; substitutes can be chosen
based on the information given below.
The basic circuit for a digital multimeter application is
shown in Figure 1. See "Special Applications" for variations.
Typical values for each component are shown. The sections
below give component selection criteria.
Oscillator (XOSC, CO1, CO2, RO)
The primary criterion for selecting the crystal oscillator
is to chose a frequency that achieves maximum rejection of
line-frequency noise. To do this, the integration phase
should last an integral number of line cycles. The integration
phase of the TC7129 is 10,000 clock cycles on the 200 mV
range and 1000 clock cycles on the 2V range. One clock
cycle is equal to two oscillator cycles. For 60 Hz rejection, the
oscillator frequency should be chosen so that the period of
one line cycle equals the integration time for the 2V range:
1/60 second = 16.7 msec =
1000 clock cycles
2 osc cycles/clock cycle
oscillator frequency
giving an oscillator frequency of 120 kHz. A similar calcula-
tion gives an optimum frequency of 100 kHz for 50 Hz
rejection.
*
,
The resistor and capacitor values are not critical; those
shown work for most applications. In some situations, the
capacitor values may have to be adjusted to compensate for
parasitic capacitance in the circuit. The capacitors can be
low-cost ceramic devices.
Some applications can use a simple RC network instead
of a crystal oscillator. The RC oscillator has more potential
for jitter, especially in the least significant digit. See "RC
Oscillator."
Integrating Resistor (RINT)
The integrating resistor sets the charging current for
the integrating capacitor. Choose a value that provides a
current between 5
µA and 20 µA at 2V, the maximum full-
scale input. The typical value chosen gives a charging
current of 13.3
µA:
ICHARGE =
13.3
µA
Too high a value for RINT increases the sensitivity to
noise pickup and increases errors due to leakage current.
Too low a value degrades the linearity of the integration,
leading to inaccurate readings.
2V
150 k
TC7129
4-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTER WITH ON-CHIP LCD DRIVERS


Similar Part No. - TC7129

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129 MICROCHIP-TC7129 Datasheet
562Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
TC7129CJL713 MICROCHIP-TC7129CJL713 Datasheet
562Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
TC7129CKW MICROCHIP-TC7129CKW Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129CKW MICROCHIP-TC7129CKW Datasheet
562Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
More results

Similar Description - TC7129

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7129 MICROCHIP-TC7129_06 Datasheet
562Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
TC7129 MICROCHIP-TC7129_13 Datasheet
452Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
11/29/12
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7136 MICROCHIP-TC7136 Datasheet
534Kb / 22P
   Low Power 3-1/2 Digit Analog-to-Digital Converter
2002
logo
Teledyne Technologies I...
TC8750 TELEDYNE-TC8750 Datasheet
537Kb / 8P
   3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
logo
Microchip Technology
TC818A MICROCHIP-TC818A Datasheet
583Kb / 24P
   Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com