Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7135CBU Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC7135CBU
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7135CBU Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC7135CBU Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7135CBU Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3-120
TELCOM SEMICONDUCTOR, INC.
TC7135
4-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTER
Figure 8. Strobe Signal Pulses Low Five Times per Conversion
Figure 7. Timing Diagrams for Outputs
The active-low STROBE pulses aid BCD data transfer
to UARTs, microprocessors, and external latches. (See
Application Note AN-16.)
BUSY Output
At the beginning of the signal-integration phase, BUSY
(pin 21) goes high and remains high until the first clock pulse
after the integrator zero crossing. BUSY returns to logic "0"
after the measurement cycle ends in an overrange condi-
tion. The internal display latches are loaded during the first
clock pulse after BUSY and are latched at the clock pulse
end. The BUSY signal does not go high at the beginning of
the measurement cycle, which starts with the auto-zero
phase.
OVERRANGE Output
If the input signal causes the reference voltage integra-
tion time to exceed 20,000 clock pulses, the OVERRANGE
output (pin 27) is set to logic "1." The OVERRANGE output
register is set when BUSY goes low and reset at the
beginning of the next reference-integration phase.
UNDERRANGE Output
If the output count is 9% of full scale or less (
≤1800
counts), the UNDERRANGE output (pin 28) register bit is
set at the end of BUSY. The bit is set low at the next signal-
integration phase.
STROBE Output
During the measurement cycle, the STROBE output
(pin 26) control line is pulsed low five times. The five low
pulses occur in the center of the digit drive signals (D1, D2,
D3, D4 and D5; see Figure 8).
D5 goes high for 201 counts when the measurement
cycles end. In the center of D5 pulse, 101 clock pulses after
the end of the measurement cycle, the first STROBE occurs
for one-half clock pulse. After D5 strobe, D4 goes high for 200
clock pulses. STROBE goes low 100 clock pulses after D4
goes high. This continues through the D1 drive pulse.
The digit drive signals will continue to permit display
scanning. STROBE pulses are not repeated until a new
measurement is completed. The digit drive signals will not
continue if the previous signal resulted in an overrange
condition.
INTEGRATOR
OUTPUT
OVERRANGE
WHEN
APPLICABLE
UNDERRANGE
WHEN
APPLICABLE
SYSTEM
ZERO
10,001
COUNTS
SIGNAL
INTE
10,000
COUNTS
(FIXED)
REFERENCE
INTEGRATE
20,001
COUNTS (MAX)
FULL MEASUREMENT CYCLE
40,002 COUNTS
BUSY
EXPANDED SCALE
BELOW
D5
D4
D3
D2
D1
100
COUNTS
DIGIT SCAN
STROBE
AUTO ZERO
SIGNAL
INTEGRATE
REFERENCE
INTEGRATE
D5
D4
D3
D2
D1
DIGIT SCAN
FOR
OVERRANGE
FIRST D5 OF SYSTEM ZERO
AND REFERENCE INTEGRATE
ONE COUNT LONGER.
*
*
*
END OF CONVERSION
D5 (MSD)
DATA
BUSY
B1–B8
STROBE
D5
D4
D3
D2
D1
D4
DATA
D3
DATA
D2
DATA
D1 (LSD)
DATA
D5
DATA
NOTE ABSENCE
OF STROBE
201
COUNTS
200
COUNTS
200
COUNTS
200
COUNTS
200
COUNTS
200
COUNTS
200
COUNTS
*
*DELAY BETWEEN BUSY GOING LOW AND FIRST STROBE
PULSE IS DEPENDENT ON ANALOG INPUT.
TC7135
OUTPUTS


Similar Part No. - TC7135CBU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7135CBU MICROCHIP-TC7135CBU Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135CBU MICROCHIP-TC7135CBU Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
More results

Similar Description - TC7135CBU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7136 MICROCHIP-TC7136 Datasheet
534Kb / 22P
   Low Power 3-1/2 Digit Analog-to-Digital Converter
2002
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com