Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7106CPL Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC7106CPL
Description  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106CPL Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC7106CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
3-188
TELCOM SEMICONDUCTOR, INC.
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS
GENERAL THEORY OF OPERATION
DUAL SLOPE CONVERSION PRINCIPLES
(All Pin Designations Refer to the 40-Pin DIP)
The TC7106A and TC7107A are dual slope, integrating
analog-to-digital converters. An understanding of the dual
slope conversion technique will aid in following the detailed
operation theory.
The conventional dual slope converter measurement
cycle has two distinct phases:
Input Signal Integration
Reference Voltage Integration (Deintegration)
The input signal being converted is integrated for a fixed
time period (TSI). Time is measured by counting clock
pulses. An opposite polarity constant reference voltage is
then integrated until the integrator output voltage returns to
zero. The reference integration time is directly proportional
to the input signal (TRI). (Figure 2A).
In a simple dual slope converter a complete conversion
requires the integrator output to “ramp-up” and “ramp-
down.”
A simple mathematical equation relates the input signal,
reference voltage and integration time:
VIN(t)dt =
Figure 2A. Basic Dual Slope Converter
1
RC
TSI
VRTRI
RC
0
where:
VR = Reference Voltage
TSI = Signal Integration Time (Fixed)
TRI = Reference Voltage Integration Time (Variable)
For a constant VIN:
VIN = VR
TRI
TSI
REF
VOLTAGE
ANALOG
INPUT
SIGNAL
DISPLAY
SWITCH
DRIVER
CONTROL
LOGIC
CLOCK
COUNTER
POLARITY CONTROL
PHASE
CONTROL
VIN
VIN
VFULL SCALE
1/2 VFULL SCALE
VARIABLE
REFERENCE
INTEGRATE
TIME
FIXED
SIGNAL
INTEGRATE
TIME
INTEGRATOR
C
COMPARATOR
+/–
PIN DESCRIPTION (Cont.)
Pin No.
Pin No.
40-Pin PDIP
40-Pin PDIP
(Normal)
(Reverse)
Symbol
Description
34
(7)
C
+
REF
A 0.1
µF capacitor is used in most applications. If a large common-
mode voltage exists (for example, the V –IN pin is not at analog
common), and a 200mV scale is used, a 1
µF capacitor is recom-
mended and will hold the roll-over error to 0.5 count.
35
(6)
V
REF
See pin 36.
36
(5)
V+
REF
The analog input required to generate a full-scale output (1999
counts). Place 100mV between pins 35 and 36 for 199.9mV
full-scale. Place 1V between pins 35 and 36 for 2V full scale. See
paragraph on REFERENCE VOLTAGE.
37
(4)
Test
Lamp test. When pulled HIGH (to V+) all segments will be turned on
and the display should read –1888. It may also be used as a negative
supply for externally-generated decimal points. See paragraph under
TEST for additional information.
38
(3)
OSC3
See pin 40.
39
(2)
OSC2
See pin 40.
40
(1)
OSC1
Pins 40, 39, 38 make up the oscillator section. For a 48kHz clock
(3 readings per section), connect pin 40 to the junction of a 100k
resistor and a 100pF capacitor. The 100k
Ω resistor is tied to pin 39
and the 100pF capacitor is tied to pin 38.


Similar Part No. - TC7106CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7106CPL MICROCHIP-TC7106CPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7106CPL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com