Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP65-03 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAP65-03
Description  Silicon PIN diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAP65-03 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAP65-03 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAP65-03 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAP65-03
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Typ
Max
Unit
forward voltage
VF
IF = 50 mA
0.95
1.1
V
reverse leakage current
IR
VR =20V
20
nA
VR =0;f=1MHz
0.65
VR =1V; f=1MHz
0.55
0.9
VR =3V; f=1MHz
0.5
0.8
VR = 20V; f = 1 MHz
0.375
IF = 1 mA; f = 100 MHz; note 1
1
IF = 5 mA; f = 100 MHz; note 1
0.65
0.95
IF = 10 mA; f = 100 MHz; note 1
0.56
0.9
IF = 100 mA; f = 100 MHz
0.35
VR =0;f=900 MHz
10.2
VR = 0; f = 1800 MHz
5.8
VR = 0; f = 2450 MHz
4.1
VR =1;f=900 MHz
0.1
VR = 1; f = 1800 MHz
0.14
VR = 1; f = 2450 MHz
0.18
VR =5;f=900 MHz
0.06
VR = 5; f = 1800 MHz
0.1
VR = 5; f = 2450 MHz
0.14
VR = 10; f = 900 MHz
0.06
VR =10; f=1800MHz
0.1
VR =10; f=2450MHz
0.13
VR =100;f=900 MHz
0.05
VR = 100; f = 1800 MHz
0.1
VR = 100; f = 2450 MHz
0.14
when switched from IF =10mA toIR =6mA;
RL =100
;measured at IR =3mA
series inductance
LS
IF = 100 mA; f = 100 MHz
1.5
nH
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
ìs
L
charge carrier life time
0.17
diode capacitance
Cd
rD
diode forward resistance
insertion loss
insertion loss
insertion loss
|s21|
2
|s21|
2
|s21|
2
|s21|
2
|s21|
2
isolation
insertion loss
dB
dB
dB
pF
dB
dB
Marking
Marking
D3


Similar Part No. - BAP65-03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP65-03 PHILIPS-BAP65-03 Datasheet
67Kb / 7P
   Silicon PIN diode
2004 Feb 11
BAP65-03 NXP-BAP65-03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP65-03 NXP-BAP65-03_01 Datasheet
74Kb / 8P
   Silicon PIN diode
2001 May 11
BAP65-03 PHILIPS-BAP65-03_15 Datasheet
208Kb / 8P
   Silicon PIN diode
2004 Feb 11
logo
Quanzhou Jinmei Electro...
BAP65-03 JMNIC-BAP65-03_15 Datasheet
74Kb / 8P
   Silicon PIN diode
More results

Similar Description - BAP65-03

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com