Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6501B33AML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6501B33AML
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501B33AML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6501B33AML Datasheet HTML 1Page - Torex Semiconductor XC6501B33AML Datasheet HTML 2Page - Torex Semiconductor XC6501B33AML Datasheet HTML 3Page - Torex Semiconductor XC6501B33AML Datasheet HTML 4Page - Torex Semiconductor XC6501B33AML Datasheet HTML 5Page - Torex Semiconductor XC6501B33AML Datasheet HTML 6Page - Torex Semiconductor XC6501B33AML Datasheet HTML 7Page - Torex Semiconductor XC6501B33AML Datasheet HTML 8Page - Torex Semiconductor XC6501B33AML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
XC6501
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
■GENERAL DESCRIPTION
The XC6501 series is a 6.0V high speed, low noise CMOS LDO regulator that can provide stable output voltages within a range
of 1.2V to 5.0V (0.05V increments) even without a load capacitor CL. This is possible because phase compensation is carried
out internally unlike other LDOs where it is done externally. The series consists of a reference voltage source, driver transistor,
error amplifier, current limit circuit, and phase compensation circuit.
The CE function enables the circuit to be put into stand-by mode by inputting a low level signal to the CE pin thereby reducing
current consumption from an already low 13μA (in operation) to less than 0.1μA. In the stand-by mode, if a CL cap is used, the
electric charge stored at CL can be discharged via the internal auto-discharge switch and as a result, the VOUT pin quickly returns
to the VSS level.
The current limit fold-back circuit operates as a short circuit protection and a current limiter function for the output pin.
APPLICATIONS
Mobile phones (RF, Digital cash, I/O etc.)
Portable games
Camera modules
Wireless LAN modules
LCD modules
Bluetooth
Digital-TV tuners
■TYPICAL APPLICATION CIRCUIT
FEATURES
Operating Voltage Range
:
1.4~6.0V
Output Voltage Range
:
2.0~5.0V(Accuracy:±1%)
1.2~1.95V(Accuracy:±0.02V)
Dropout Voltage
:
150mV@IOUT=100mA,
VOUT=2.8V
Low Power Supply
:
13μA@VOUT=2.8V
Stand-by Current
:
Less than 0.1μA
Ripple Rejection
:
50dB@f=1kHz,VOUT=2.8V
Protection Circuits
:
Current limit (300mA, TYP.)
:
Short circuit protection
Output capacitor is not required
:
Internal phase compensation
CL High Speed Auto Discharge
Packages
USP-3, USP-4
SSOT-24, SOT-25
■TYPICAL PERFORMANCE
CHARACTERISTICS
XC6501 Series
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Time (40μs/div)
0
50
100
150
200
250
300
C
L=1.0μF
Output Current
C
L無し
Ta=25℃,tr=tf=5μs
CIN=0.1μF (ceramic)
XC6501 Series
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Time (40μs/div)
0
50
100
150
200
250
300
C
L=1.0μF
Output Current
C
L無し
Ta=25℃,tr=tf=5μs
CIN=0.1μF (ceramic)
Without CL
ETR0337-003


Similar Part No. - XC6501B33AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501B1217R-G TOREX-XC6501B1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B121GR TOREX-XC6501B121GR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B121GR-G TOREX-XC6501B121GR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B121HR TOREX-XC6501B121HR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B121HR-G TOREX-XC6501B121HR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501B33AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com