Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7662B Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7662B
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7662B Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7662B Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7662B Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4-85
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 2. Idealized Negative Voltage Capacitor
THEORETICAL POWER EFFICIENCY
CONSIDERATIONS
In theory, a voltage converter can approach 100%
efficiency if certain conditions are met:
A. The drive circuitry consumes minimal power.
B. The output switches have extremely low ON resistance
and virtually no offset.
C. The impedances of the pump and reservoir capacitors
are negligible at the pump frequency.
The TC7662B approaches these conditions for nega-
tive voltage conversion if large values of C1 and C2 are used.
Energy is lost only in the transfer of charge between
capacitors if a change in voltage occurs. The energy lost
is defined by:
E = 1/2 C1 (V1
2 – V
2
2)
where V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 2) compared to
the value of RL, there will be a substantial difference in
voltages V1 and V2. Therefore, it is desirable not only to
make C2 as large as possible to eliminate output voltage
ripple, but also to employ a correspondingly large value for
C1 in order to achieve maximum efficiency of operation.
Dos and Don’ts
1. Do not exceed maximum supply voltages.
2. Do not connect the LV terminal to GND for supply
voltages greater than 3.5 volts.
3. Do not short circuit the output to V
+ supply for voltages
above 5.5 volts for extended periods; however,
transient conditions including start-up are okay.
DETAILED DESCRIPTION
The TC7662B contains all the necessary circuitry to
complete a negative voltage converter, with the exception of
two external capacitors which may be inexpensive 1
µF
polarized electrolytic types. The mode of operation of the
device may be best understood by considering Figure 2,
which shows an idealized negative voltage converter. Ca-
pacitor C1 is charged to a voltage V
+ for the half cycle when
switches S1 and S3 are closed. (Note: Switches S2 and S4
are open during this half cycle.) During the second half cycle
of operation, switches S2 and S4 are closed, with S1 and S3
open, thereby shifting capacitor C1 negatively by V
+ volts.
Charge is then transferred from C1 to C2 such that the
voltage on C2 is exactly V
+, assuming ideal switches and no
load on C2. The TC7662B approaches this ideal situation
more closely than existing non-mechanical circuits.
In the TC7662B, the four switches of Figure 2 are MOS
power switches; S1 is a P-channel device and S2, S3 and S4
are N-channel devices. The main difficulty with this ap-
proach is that in integrating the switches, the substrates of
S3 and S4 must always remain reverse biased with respect
to their sources, but not so much as to degrade their “ON”
resistances. In addition, at circuit start up, and under output
short circuit conditions (VOUT = V
+), the output voltage must
be sensed and the substrate bias adjusted accordingly.
Failure to accomplish this would result in high power losses
and probable device latchup.
The problem is eliminated in the TC7662B by a logic
network which senses the output voltage (VOUT) together
with the level translators, and switches the substrates of S3
and S4 to the correct level to maintain necessary reverse
bias.
The voltage regulator portion of the TC7662B is an
integral part of the anti-latchup circuitry; however, its inher-
ent voltage drop can degrade operation at low voltages.
Therefore, to improve low voltage operation, the “LV” pin
should be connected to GND, disabling the regulator. For
supply voltages greater than 3.5 volts, the LV terminal must
be left open to insure latchup proof operation and prevent
device damage.
Figure 1. TC7662B Test Circuit
1
2
3
4
8
7
6
5
TC7662B
+
V+
(+5V)
V+
VO
C1
10
µF
+
C2
10
µF
IL
RL
NOTE: For large values of COSC (>1000 pF), the values
of C1 and C2 should be increased to 100
µF.
IS
VIN
S3
S1
S2
S4
C2
VOUT = – VIN
C1
TC7662B
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER


Similar Part No. - TC7662B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662BCOA MICROCHIP-TC7662BCOA Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662BCPA MICROCHIP-TC7662BCPA Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662BEOA MICROCHIP-TC7662BEOA Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662BEPA MICROCHIP-TC7662BEPA Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
More results

Similar Description - TC7662B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com