Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC811CPL Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC811CPL
Description  3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC811CPL Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC811CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3-139
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS: VSupply = 9V, fCLOCK = 32.768kHz, and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TCSF
Scale Factor Temperature
VIN = 199mV, 0°C ≤ TA ≤ 70°C
1
5
ppm/
°C
Coefficient
(ext. VREF tc = 0ppm)
Analog Common Section
VCTC
Analog Common
250K
Ω from V+ to Analog Common
Temperature Coefficient
0
°C ≤ TA ≤ 70°C—
"C" Commercial
35
75
ppm/
°C
"I" Industrial
35
100
ppm/
°C
VC
Analog Common Voltage
250k
Ω from V+ to Analog Common
2.7
3.05
3.35
Volts
Hold Pin Input Section
Input Resistance
Pin 1 to Pin 37
70
k
VIL
Input Low Voltage
Pin 1
Test +1.5
V
VIH
Input High Voltage
Pin 1
V+ – 1.5
V
LCD Drive Section3
VSD
LCD Segment Drive Voltage
V+ to V= 9V
4
5
6
VP-P
VSD
LCD Backplane Drive Voltage
V+ to V= 9V
4
5
6
VP-P
Power Supply
ISUP
Power Supply Current
VIN = 0V, V+ to V= 9V
fOSC = 16kHz
70
100
µA
fOSC = 48kHz
90
125
µA
NOTES: 1. Input voltages may exceed supply voltages when input current is limited to 100
µA.
2. Dissipation rating assumes device is mounted with all leads soldered to a printed circuit board.
3. Backplane drive is in phase with the segment drive for "segment off" 180
° out of phase for "segment on." Frequency is 20 times the
conversion rate. Average DC component is less than 50mV.
V+
NORMAL PIN
CONFIGURATION
10's
100's
1000's
100's
TC811CPL
(40-PIN PDIP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1's
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
(MINUS SIGN)
D1
C1
B1
A1
F1
G1
E1
10's
OSC
TEST
V
ANALOG
COMMON
CAZ
OSC2
HLDR
+
REF
V
REF
C
+
REF
C
REF
V
+
IN
V
IN
VBUFF
VINT
V –
G
C
A
G
BP
(BACKPLANE)
3
3
3
2
1
NC = NO INTERNAL CONNECTION
27
28
29
30
31
32
33
7
4
3
2
1
NC
TC811CKW
(PQFP)
12
13
14
15
17
18
G
44
43
42
41
39
38
40
16
37
36
35
34
19
20
21
22
26
8
25
9
24
10
23
11
5
6
C
V
TEST
NC
NC
HLDR
+
NC
OSC2
OSC1
2
3
A3
G3
BP
POL
AB4
E3
F3
B3
D1
C1
B1
PIN CONFIGURATIONS
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND
DIFFERENTIAL REFERENCE INPUTS
TC811


Similar Part No. - TC811CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC811CPL MICROCHIP-TC811CPL Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
More results

Similar Description - TC811CPL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME811 AME-AME811 Datasheet
905Kb / 15P
   3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com