Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC820CKW Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC820CKW
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CKW Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC820CKW Datasheet HTML 1Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 2Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 3Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 4Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 5Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
3-153
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTION
Pin No.
Pin No.
(40-Pin
(44-Pin Flat
Package)
Package)
Symbol
Description
20
16
DP0/LO
Dual-purpose input. Decimal point select input for voltage measurements. In logic
mode, connecting this pin to VDD will turn on the "low" LCD segment. There is an
internal 5
µA pull-down to DGND in volts mode only. Decimal point logic:
DP1
DP0
Decimal Point Selected
0
0
None
0
1
DP1
1
0
DP2
1
1
DP3
21
17
DP1/HI
Dual-purpose input. Decimal point select input for voltage measurements. In logic
mode, connecting this pin to VDD will turn on the "high" LCD segment. There is an
internal 5
µA pull-down to DGND in volts mode only.
22
18
BUZOUT
Buzzer output. Audio frequency, 5kHz, output which drives a piezoelectric buzzer.
23
19
BUZIN
Buzzer control input. Connecting BUZIN to VDD turns the buzzer on. BUZIN is
logically ORed (internally) with the "logic level low" input. There is an internal 5
µA
pull-down to DGND.
24
20
FREQ/
Voltage or frequency measurement select input. When unconnected, or connected
VOLTS
to DGND, the A/D converter function is active. When connected to VDD, the
frequency counter function is active. This pin has an internal 5
µA pull-down
to DGND.
25
21
PKHOLD
Peak hold input. When connected to VDD, the converter will only update the display
if a new conversion value is greater than the preceding value. Thus, the peak
reading will be stored and held indefinitely. When unconnected, or connected to
DGND, the converter will operate normally. This pin has an internal 5
µA pull-down
to DGND.
22
UR
Underrange output. This output will be HIGH when the digital reading is 380 counts
or less.
23
OR
Overrange output. This output will be HIGH when the analog signal input is greater
than full scale. The LCD will display "OL" when the input is overranged.
26
24
VSS
Negative supply connection. Connect to negative terminal of 9V battery.
27
25
COM
Analog circuit ground reference point. Nominally 3.3V below VDD.
28
26
C
+
REF
Positive connection for reference capacitor.
29
27
C
REF
Negative connection for reference capacitor.
30
28
V
+
REF
High differential reference input connection.
31
29
V
REF
Low differential reference input connection.
32
30
V
IN
Low analog input signal connection.
33
31
V
+
IN
High analog input signal connection.
34
32
VBUFF
Buffer output. Connect to integration resistor.
35
33
CAZ
Auto-zero capacitor connection.
36
34
VINT
Integrator output. Connect to integration capacitor.
35
EOC/
Bidirectional pin. Pulses low (i.e., from VDD to DGND) at the end of each
HOLD
conversion. If connected to VDD, conversions will continue, but the display is not
updated.
37
36
OSC1
Crystal oscillator (input) connection.
38
37
OSC2
Crystal oscillator (output) connection.
39
38
OSC3
RC oscillator connection.
40
39
VDD
Positive power supply connection, typically 9V.
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE


Similar Part No. - TC820CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820CKW MICROCHIP-TC820CKW Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
More results

Similar Description - TC820CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Cyrustek corporation
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
   4 3/4 and 5 3/4 A/D AUTO
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com