Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660SMJA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC7660SMJA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7660SMJA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC7660SMJA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7660SMJA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-72
TELCOM SEMICONDUCTOR, INC.
TC7660S
SUPER CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
The output characteristics of the circuit in Figure 3 are
those of a nearly ideal voltage source in series with 70
Ω.
Thus, for a load current of –10mA and a supply voltage of
+5V, the output voltage would be –4.3V.
The dynamic output impedance of the TC7660S is due,
primarily, to capacitive reactance of the charge transfer
capacitor (C1). Since this capacitor is connected to the
output for only 1/2 of the cycle, the equation is:
Paralleling Devices
Any number of TC7660S voltage converters may be
paralleled to reduce output resistance (Figure 4). The reser-
voir capacitor, C2, serves all devices, while each device
requires its own pump capacitor, C1. The resultant output
resistance would be approximately:
2
2
πf C1
XC =
= 3.18
Ω,
where f = 10kHz and C1 = 10µF.
Figure 4. Paralleling Devices Lowers Output Impedance
Dos and Don'ts
• Do not exceed maximum supply voltages.
• Do not connect the LV terminal to GND for supply
voltages greater than 3.5V.
• Do not short circuit the output to V
+ supply for voltages
above 5.5V for extended periods; however, transient
conditions including start-up are okay.
• When using polarized capacitors in the inverting mode,
the + terminal of C1 must be connected to pin 2 of the
TC7660S and the + terminal of C2 must be connected
to GND.
Simple Negative Voltage Converter
Figure 3 shows typical connections to provide a nega-
tive supply where a positive supply is available. A similar
scheme may be employed for supply voltages anywhere in
the operating range of +1.5V to +12V, keeping in mind that
pin 6 (LV) is tied to the supply negative (GND) only for supply
voltages below 3.5V.
Figure 3. Simple Negative Converter
1
2
3
4
8
7
6
5
TC7660S
V
+
1
2
3
4
8
7
6
5
TC7660S
C1
RL
C2
C1
"n"
"1"
+
1
2
3
4
8
7
6
5
TC7660S
10µF
+
V
+
10µF
+
VOUT*
NOTES:
*
C1
C2
ROUT (of TC7660S)
n (number of devices)
ROUT =


Similar Part No. - TC7660SMJA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660SMJA MICROCHIP-TC7660SMJA Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660SMJA MICROCHIP-TC7660SMJA Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
More results

Similar Description - TC7660SMJA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660SEOA713 MICROCHIP-TC7660SEOA713 Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
TC7660S MICROCHIP-TC7660S_15 Datasheet
458Kb / 24P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
07/14/15
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com