Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC820CLW Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC820CLW
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CLW Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC820CLW Datasheet HTML 4Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 5Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 9Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 10Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820CLW Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
3-156
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
GENERAL THEORY OF OPERATION
Dual-Slope Conversion Principles
The TC820 analog-to-digital converter operates on the
principle of dual-slope integration. An understanding of the
dual-slope conversion technique will aid the user in follow-
ing the detailed TC820 theory of operation following this
section. A conventional dual-slope converter measurement
cycle has two distinct phases:
(1) Input Signal Integration
(2) Reference Voltage Integration (Deintegration)
Referring to Figure 2, the unknown input signal to be
converted is integrated from zero for a fixed time period
(t INT), measured by counting clock pulses. A constant
reference voltage of the opposite polarity is then integrated
until the integrator output voltage returns to zero. The
reference integration (deintegration) time (TDEINT) is then
directly proportional to the unknown input voltage (VIN).
In a simple dual-slope converter, a complete conver-
sion requires the integrator output to "ramp-up" from zero
and "ramp-down" back to zero. A simple mathematical
equation relates the input signal, reference voltage, and
integration time:
9V
10 11 12 13 14 15
17
9
8
7
6
5
4
3
2
1
LOGIC HIGH
LOGIC LOW
OVERRANGE
PKHOLD
LOW BATT
FREQ/
VOLTS
LOGIC
DP0/LO
DP1/HI
DGND
NC
COM
BUZ OUT
BUZ IN
PK HOLD
30
31
27
40
26
22
23
25
OSC1
OSC2 OSC3 VBUFF CAZ
VINT
VDD
VSS
V
+
REF
V
REF
TC820
C
+
REF C
REF
24
18
33
32
16
19
20
21
V
+
IN
V
IN
37
38
39
34
35
36
28
29
40kHz
470
k
NC
100
k
0.47
µF
0.2
µF
0.1
µF
22M
NOTE:
Pin numbers are for
40-pin package.
PIEZO
BUZZER
DGND
DGND
VDD
VDD
VDD
1
µF
+
VDD
22k
2k
VREF = 200mV
CHANGE
RANGE
TO
SWITCH
S1a
NO DP
S2
DP3
DP2
DP1
DGND
S1e
S1d
LOGIC
FREQ
GND
VIN
VDD
S1c
S1b
S1a
TO SWITCH
S2
100k
0.01
µF
VDD
VDD
COM
RANGE/FREQ
+
REF
VOLTAGE
ANALOG
INPUT
SIGNAL
DISPLAY
SWITCH
DRIVER
CONTROL
LOGIC
CLOCK
COUNTER
POLARITY CONTROL
PHASE
CONTROL
VIN
VIN
VFULL SCALE
1.2 VFULL SCALE
VARIABLE
REFERENCE
INTEGRATE
TIME
FIXED
SIGNAL
INTEGRATE
TIME
INTEGRATOR
C
COMPARATOR
R
=
=
Figure 2. Basic Dual-Slope Converter
Figure 1. Typical Operating Circuit


Similar Part No. - TC820CLW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820CLW MICROCHIP-TC820CLW Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
More results

Similar Description - TC820CLW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Cyrustek corporation
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
   4 3/4 and 5 3/4 A/D AUTO
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com