Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1995IMS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1995IMS
Description  32MHz, 1000V/關s Gain Selectable Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995IMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1995IMS Datasheet HTML 6Page - Linear Technology LT1995IMS Datasheet HTML 7Page - Linear Technology LT1995IMS Datasheet HTML 8Page - Linear Technology LT1995IMS Datasheet HTML 9Page - Linear Technology LT1995IMS Datasheet HTML 10Page - Linear Technology LT1995IMS Datasheet HTML 11Page - Linear Technology LT1995IMS Datasheet HTML 12Page - Linear Technology LT1995IMS Datasheet HTML 13Page - Linear Technology LT1995IMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1995
1995fb
PI FU CTIO S
P1 (Pin 1): Noninverting Gain-of-1 Input. Connects a 4k
internal resistor to the op amp’s noninverting input.
P2 (Pin 2): Noninverting Gain-of-2 Input. Connects a 2k
internal resistor to the op amp’s noninverting input.
P4 (Pin 3): Noninverting Gain-of-4 Input. Connects a 1k
internal resistor to the op amp’s noninverting input.
VS– (Pin 4): Negative Supply Voltage.
REF (Pin 5): Reference Voltage. Sets the output level when
the difference between the inputs is zero. Connects a 4k
internal resistor to the op amp’s non inverting input.
OUT (Pin 6): Output Voltage. VOUT = VREF + 1 • (VP1 – VM1)
+ 2 • (VP2 – VM2) + 4 • (VP4 – VM4).
VS+ (Pin 7): Positive Supply Voltage.
M4 (Pin 8): Inverting Gain-of-4 Input. Connects a 1k
internal resistor to the op amp’s inverting input.
M2 (Pin 9): Inverting Gain-of-2 Input. Connects a 2k
internal resistor to the op amp’s inverting input.
M1 (Pin 10): Inverting Gain-of-1 Input. Connects a 4k
internal resistor to the op amp’s inverting input.
(Difference Amplifier Configuration)


Similar Part No. - LT1995IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1995 LINER-LT1995_15 Datasheet
366Kb / 20P
   32MHz, 1000V/s Gain Selectable Amplifier
More results

Similar Description - LT1995IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1995 LINER-LT1995_15 Datasheet
366Kb / 20P
   32MHz, 1000V/s Gain Selectable Amplifier
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com