Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL74 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAL74
Description  High-speed diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAL74 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAL74 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAL74 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
High-speed diode
BAL74
Features
Small plastic SMD package
High switching speed:Max. 4 ns
Continuous reverse voltage:max. 50 V
Repetitive peak reverse voltage:max. 50 V
Repetitive peak forward current:max. 500 mA
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
conditious
Min
Max
Unit
Repetitive peak reverse voltage
VRM
50
V
Continuous reverse voltage
VR
50
V
Continuous forward current
IFM
Note 1
215
mA
Repetitive peak forward current
IO
500
mA
squrae wave;Tj = 25
prior to surge;
t= 1
s
4
t= 1ms
1
t= 1 s
0.5
Total power dissipation
Ptot
Tamb 25
;note 1
250
mW
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
150
Note
1. Device mounted on an FR4 printed-circuit board.
A
IFSM
Non-repetitive peak forward current


Similar Part No. - BAL74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
logo
Siemens Semiconductor G...
BAL74 SIEMENS-BAL74 Datasheet
96Kb / 4P
   Silicon Switching Diode
logo
Infineon Technologies A...
BAL74 INFINEON-BAL74 Datasheet
40Kb / 4P
   Silicon Switching Diode
Jul-27-2001
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
66Kb / 9P
   High-speed diode
2003 Dec 17
logo
Infineon Technologies A...
BAL74 INFINEON-BAL74 Datasheet
70Kb / 6P
   Silicon Switching Diode
2007-04-19
More results

Similar Description - BAL74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com