Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC850CPL Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC850CPL
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CPL Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC850CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3-80
TELCOM SEMICONDUCTOR, INC.
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER
TC850
PIN DESCRIPTIONS
40-Pin DIP
Pin No.
Symbol
Description
1
CS
Chip select, active HIGH. Logically ANDed with CE to enable read and write inputs. (See
note 4.)
2
CE
Chip enable, active LOW. (See note 5.)
3
WR
Write input, active LOW. When chip is selected (CS = HIGH and CE = LOW) and in demand
mode (CONT/DEMAND = LOW), a logic LOW on WR starts a conversion. (See note 4.)
4
RD
Read input, active LOW. When CS = HIGH and CE = LOW, a logic LOW on RD enables the
3-state data outputs. (See note 5.)
5
CONT/DEMAND
Conversion control input. When CONT/DEMAND = LOW, conversions are initiated by the WR
input. When CONT/DEMAND = HIGH, conversions are performed continuously. (See note 4.)
6
OVR/POL
Overrange/polarity data-select input. When making conversions in the demand mode (CONT/
DEMAND = LOW), OVR/POL controls the data output on DB7 when the high-order byte is
active. (See note 5.)
7
L/H
Low/high byte-select input. When CONT/DEMAND = LOW, this input controls whether low-
byte or high-byte data is enabled on DB0 through DB7. (See note 5.)
8
DB7
Most significant data bit output. When reading the A/D conversion result, the polarity,
overrange, and DB7 data are output on this pin. (See text.)
9 – 15
DB6–DB0
Data outputs DB6–DB0. 3-state, bus compatible.
16
BUSY
A/D conversion status output. BUSY goes to a logic HIGH at the beginning of the deintegrate
phase and goes LOW when conversion is complete. The falling edge of BUSY can be used to
generate a
µP interrupt.
17
OSC1
Crystal oscillator connection or external oscillator input.
18
OSC2
Crystal oscillator connection.
19
TEST
For factory testing purposes only. Do not make external connection to this pin.
20
DGND
Digital ground connection.
21
COMP
Connection for comparator auto-zero capacitor. Bypass to VSS with 0.1 µF.
22
VSS
Negative power supply connection, typically – 5V.
23
INTOUT
Output of the integrator amplifier. Connect to CINT.
24
INTIN
Input to the integrator amplifier. Connect to summing node of RINT and CINT.
25
BUFFER
Output of the input buffer. Connect to RINT.
26
CBUFB
Connection for buffer auto-zero capacitor. Bypass to VSS with 0.1 µF.
27
CBUFA
Connection to buffer auto-zero capacitor. Bypass to VSS with 0.1 µF.
28
CINTA
Connection for integrator auto-zero capacitor. Bypass to VSS with 0.1 µF.
29
CINTB
Connection for integrator auto-zero capacitor. Bypass to VSS with 0.1 µF.
30
COMMON
Analog common.
31
IN
Negative differential analog input.
30
COMMON
Analog common.
33
REF2+
Positive input for reference voltage VREF2. (VREF2 = VREF1/64)
34
CREF2+
Positive connection for VREF2 reference capacitor.
35
CREF2–
Negative connection for VREF2 reference capacitor.
36
REF
Negative input for reference voltages.
37
CREF1–
Negative connection for VREF1 reference capacitor.
38
CREF1+
Positive connection for VREF1 reference capacitor.
39
REF1+
Positive input for VREF1.
40
VDD
Positive power supply connection, typically +5V.
NOTES: 4. This pin incorporates a pull-down resistor to DGND.
5. This pin incorporates a pull-up resistor to VDD.


Similar Part No. - TC850CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850CPL MICROCHIP-TC850CPL Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
More results

Similar Description - TC850CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Exar Corporation
MP7533 EXAR-MP7533 Datasheet
83Kb / 8P
   15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
   15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com