Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL1117-5.00 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TCL1117-5.00
Description  800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1117-5.00 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TCL1117-5.00 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1117-5.00 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PRELIMINARY INFORMATION
TCL1117-05 6/5/97
800mA LOW DROPOUT POSITIVE REGULATORS
ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
TCL1117
TCL1117-2.85
TCL1117-3.30
TCL1117-5.00
TYPICAL CHARACTERISTICS
OUTPUT CURRENT (mA)
Dropout Voltage (VIN - VOUT)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
200
100
400
300
600 700
500
800
INPUT/OUTPUT DIFFERENTIAL (V)
Minimum Operating Current
(Adjustable Device)
4
3
2
1
0
0
5
10
20
15
TJ = 25°C
TJ = 125°C
INDICATES GUARRANTEED TEST POINT
TEMPERATURE (
°C)
Load Regulation
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50
0
-25
50
25
100 125
75
TJ = 125°C
TJ = 25°C
TJ = –55°C
INPUT/OUTPUT DIFFERENTIAL (V)
Short-Circuit Current
1.25
1.00
0.75
0.50
0.25
0
0
510
15
TJ = 125°C
∆ I
LOAD = 800mA
TJ = 25°C
FREQUENCY (Hz)
TCL1117 Ripple Rejection
100
90
80
70
60
10
50
40
30
20
10
0
100
1k
10k
100k
VRIPPLE ≤ 3Vp-p
(VIN – VOUT)
≥ 3V
CADJ = 200µF AT f < 60Hz
CADJ = 25µF AT f > 60Hz
IOUT = 0.5A
VRIPPLE ≤
0.5Vp-p
OUTPUT CURENT (A)
TCL1117 Ripple Rejection vs. Current
100
90
80
70
60
0
50
40
30
20
10
0
0.2
0.4
0.6
0.8
VOUT = 5V
CADJ = 25µF
COUT = 25µF
VRIPPLE ≤ 0.5Vp-p
VRIPPLE ≤ 3Vp-p
fRIPPLE = 20kHz
fRIPPLE = 120kHz


Similar Part No. - TCL1117-5.00

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCL1-11 MINI-TCL1-11 Datasheet
279Kb / 1P
   RF Transformer
TCL1-11++ MINI-TCL1-11+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19 MINI-TCL1-19 Datasheet
279Kb / 1P
   RF Transformer
TCL1-19++ MINI-TCL1-19+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19G2 MINI-TCL1-19G2 Datasheet
205Kb / 1P
   RF Transformer
More results

Similar Description - TCL1117-5.00

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com