Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN4040 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TCN4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCN4040 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TCN4040 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 7Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 8Page - TelCom Semiconductor, Inc TCN4040 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TCN4040
2
PRELIMINARY INFORMATION
TCN4040-01 6/16/97
PRECISION MICROPOWER
SHUNT VOLTAGE REFERENCE
ELECTRICAL CHARACTERISTICS: Boldface type specifications apply for TA = TJ = TMIN to TMAX. All other specifica-
tions; TA = TJ = 25°C.
TCN4040CEOA
TCN4040DEOA
TCN4040EENB
TCN4040CENB
TCN4040DENB
TCN4040EEZB
TCN4040CEZB
TCN4040DEZB
Symbol Parameter
Test
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
VR
Reverse Breakdown
IR =100µA
2.500
2.500
2.500
V
Voltage
Notes 4, 5
Reverse Breakdown
IR =100µA—
±12
±25
±50
mV
Voltage Tolerance
Notes 4, 5, 6
±29
±49
±74
IRMIN
Minimum Operating
Notes 4, 5
45
60
45
65
45
65
µA
Current
65
70
70
∆VR/∆T
Average Reverse
IR =10mA
±20
±100
±20
±150
±20
±150
ppm/
°C
Breakdown Voltage
IR =1mA
±15
±15
±15
Temperature
IR =100µA
±15
±15
±15
Coefficient
Notes 4, 5
∆VR/∆IR
Reverse Breakdown
IRMIN ≤ IR ≤ 1mA
0.4
0.8
0.4
1.0
0.4
1.0
mV
Voltage Change with Notes 4, 5
1.0
1.2
1.2
Operating Current
Change
1mA
≤ IR =12mA
2.3
6.0
2.3
8.0
2.3
8.0
mV
8.0
10.0
10.0
ZR
Reverse Dynamic
IR =1mA, f = 120Hz,
0.3
0.9
0.3
1.1
0.3
1.1
Impedance
IAC = 0.1 IR
Notes 4, 5
ABSOLUTE MAXIMUM RATINGS* (Note 1)
Reverse Current. ....... ...............................................20mA
Forward Current ....... ................................................10mA
Power Dissipation (TA = 25°C) (Note 2)
SOT-23B-3 Package ...................................... 230mW
TO-92 Package .............................................. 440mW
SO-8 Package ................................................ 470mW
Storage Temperature ........................... – 65
°C to + 150°C
Lead Temperature (Soldering, 10 seconds)
EOA ................................................................ +260
°C
ENB ................................................................ +300
°C
EZB ................................................................. +300
°C
ESD Susceptibility
Human Body Model (Note 3) ................................ 2kV
Machine Model (Note 3) .................................... .200V
*Functional operation above the absolute maximum stress rating is not
implied.
OPERATING RATINGS (NOTES 1 AND 2)
Temperature Range
(TMIN ≤ TA ≤ TMAX) ..................... – 40°C ≤ TA ≤ +85°C
Reverse Current
TCN4040-2.5 ...................................... .60
µA to 15mA
NOTES: 1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
Electrical
Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when
the device is not operated under the listed test conditions.
2. The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX (maximum junction temperature), θJA
(junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is
PDMAX = (TJMAX – TA) /θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the TCN4040, TJMAX = 125°C, and
the typical thermal resistance (
θJA), when board mounted, is 185°C/W for the M package, 326°C/W for the SOT-23B-3 package, and 180°
C/W with 0.4” lead length and 170
°C/W with 0.125” lead length for the TO-92-3 package.
3. The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.


Similar Part No. - TCN4040

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com