Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM680EPA Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TCM680EPA
Description  5V TO 짹10V VOLTAGE CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680EPA Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TCM680EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-14
TELCOM SEMICONDUCTOR, INC.
TCM680
+5V TO
±10V VOLTAGE CONVERTER
ABSOLUTE MAXIMUM RATINGS*
VIN ..................................................................................................... +6.0V
V
+
OUT .............................................................................................. +12.0V
V
OUT ............................................................................................. – 12.0V
V
OUT Short-Circuit Duration ............................ Continuous
V
+
OUT Current ............................................................ 75mA
VIN dV/dT .............................................................. 1V/µsec
Figure 1. Test Circuit
ELECTRICAL CHARACTERISTICS: VIN = +5V, TA = +25°C, test circuit Figure 1, unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Range
MIN.
≤ TA ≤ MAX., RL = 2kΩ
2.0
1.5 to 5.5
5.5
V
Supply Current
VIN = 3V, RL = ∞
0.5
1
mA
VIN = 5V, RL = ∞
—1
2
VIN = 5V, 0°C ≤ TA ≤ +70°C, RL = ∞
2.5
VIN = 5V, – 40°C ≤ TA ≤ +85°C, RL = ∞
——
3
Negative Charge Pump Output
IL
= 10mA, I
L
+ = 0mA, VIN = 5V
140
180
Source Resistance
IL
= 5mA, I
L
+ = 0mA, VIN = 2.8V
180
250
IL
= 10mA, I
L
+ = 0mA, VIN = 5V:
0
°C ≤ TA ≤ +70°C
220
– 40
°C ≤ TA ≤ +85°C
250
Positive Charge Pump Output
IL
+ = 10mA, I
L
= 0mA, V
IN = 5V
140
180
Source Resistance
IL
+ = 5mA, I
L
= 0mA, V
IN = 2.8V
180
250
IL
+ = 10mA, I
L
= 0mA, V
IN = 5V:
0
°C ≤ TA ≤ +70°C
220
– 40
°C ≤ TA ≤ +85°C
250
FOSC
Oscillator Frequency
21
kHz
PEFF
Power Efficiency
RL = 2kΩ
—85—
%
VOUT EFF
Voltage Conversion Efficiency
V
+
OUT, RL =
97
99
%
V
OUT, RL =
97
99
TelCom Semiconductor reserves the right to make changes in the circuitry or specifications detailed in this manual at any time without notice. Minimums
and maximums are guaranteed. All other specifications are intended as guidelines only. TelCom Semiconductor assumes no responsibility for the use of
any circuits described herein and makes no representations that they are free from patent infringement.
Power Dissipation (TA ≤ 70°C)
Plastic DIP ...................................................... 730mW
Small Outline .................................................. 470mW
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
C1
C1
C2
C3
C2
V
IN
V
IN
VOUT
VOUT
VOUT
GND
GND
TCM680
4.7
µF
4.7
µF
10
µF
C4
10
µF
8
7
6
5
4
3
2
1
VOUT
C2
RL
RL
C1
+
+
+
+
+
PIN DESCRIPTION
8-Pin
DIP/SOIC
Symbol
Description
1C1
Input. Capacitor C1 negative terminal.
2C2
+
Input. Capacitor C2 positive terminal.
3C2–
Input. Capacitor C2 negative terminal.
4V
OUT
Output. Negative output voltage (–2VIN).
5
GND
Input. Device ground.
6VIN
Input. Power supply voltage.
7C1
+
Input. Capacitor C1 positive terminal.
8V
+
OUT
Output. Positive output voltage (+2VIN)
*Stresses above those listed in "Absolute Maximum Ratings" may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or other conditions above those
indicated in the operation section of the specification is not implied.
Exposure to the Absolute Maximum Ratings conditions for extended
periods of time may affect device reliability.


Similar Part No. - TCM680EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results

Similar Description - TCM680EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
logo
Maxim Integrated Produc...
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
   5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
   ?쏧nductorless??5V to 5V Converter
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com