Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL1117-5.00CDB Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TCL1117-5.00CDB
Description  800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1117-5.00CDB Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TCL1117-5.00CDB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1117-5.00CDB Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PRELIMINARY INFORMATION
TCL1117-05 6/5/97
800mA LOW DROPOUT POSITIVE REGULATORS
ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
TCL1117
TCL1117-2.85
TCL1117-3.30
TCL1117-5.00
800mA LOW DROPOUT POSITIVE REGULATORS
ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
GENERAL DESCRIPTION
The TCL1117 is a low-dropout positive voltage regula-
tor (LDO) with 800mA output current capability. It is available
in fixed and adjustable output voltage versions, 2.85V (ac-
tive SCSI terminators), 3.30V and 5.00V. Output/reference
voltage accuracy is guaranteed to
±1.0%. Over-current
protection is integrated onto the chip. Dropout is specified
at 1.2V maximum at full rated output current and less than
1.0V at low loads (<100mA). The SOT-223 package makes
the TCL1117 especially attractive for tight physical layouts.
For stability, a 10
µF output capacitor is required. The
TCL1117 is an NPN-based design which has significantly
lower unused quiescent current than similar PNP-based
regulators.
PIN CONFIGURATIONS
ADJ/GND
IN
OUT
TAB IS V
OUT
FRONT VIEW
FRONT VIEW
12
3
TYPICAL APPLICATION
FEATURES
s
Space-saving SOT-223 Package
s
Pin Compatible with Older Adjustable 3 Terminal
Regulators
s
Adjustable or Fixed Voltages of 2.85V, 3.30V or 5.00V
s
High Output Current ..................................... 800mA
s
Low Dropout Voltage ............ 1.2V at IOUT = 800mA
s
Guaranteed Dropout Voltage at Multiple Current
Levels
s
Line Regulation (Max) ...................................... 0.2%
s
Load Regulation (Max) ..................................... 0.4%
APPLICATIONS
s
Active SCSI Terminators
s
High Efficiency Linear Regulators
s
Post Regulators for Switching Supplies
s
Battery Chargers
s
5V - 3.3V Linear Regulators
ORDERING INFORMATION
Part Number*
Package
Part Marking
TCL1117-ADJCDB
SOT-223-3
1117
TCL1117-2.85CDB
SOT-223-3
11172
TCL1117-3.30CDB
SOT-223-3
11173
TCL1117-5.00CDB
SOT-223-3
11175
TCL1117-ADJCEB
DDPAK-3
TCL1117-2.85CEB
DDPAK-3
TCL1117-3.30CEB
DDPAK-3
TCL1117-5.00CEB
DDPAK-3
*Ambient temperature range is determined by maximum operating
power dissipation and a maximum die temperature of 125
°C (see Power
Dissipation and Thermal Design Section).
TCL1117
TCL1117-2.85
TCL1117-3.30
TCL1117-5.00
SOT-223
3-Lead Package
DDPAK-3
10
µF
IN
GND
OUT
TCL1117-5.00
4.75V to 5.25V
22
µF
110
18 to 27
LINES
110
110
Active Terminator for SCSI-2 Bus
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.


Similar Part No. - TCL1117-5.00CDB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCL1-11 MINI-TCL1-11 Datasheet
279Kb / 1P
   RF Transformer
TCL1-11++ MINI-TCL1-11+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19 MINI-TCL1-19 Datasheet
279Kb / 1P
   RF Transformer
TCL1-19++ MINI-TCL1-19+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19G2 MINI-TCL1-19G2 Datasheet
205Kb / 1P
   RF Transformer
More results

Similar Description - TCL1117-5.00CDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com