Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL1585-1.5CAB Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TCL1585-1.5CAB
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1585-1.5CAB Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TCL1585-1.5CAB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 9Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 10Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 11Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 12Page - TelCom Semiconductor, Inc TCL1585-1.5CAB Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TCL1584
TCL1585
TCL1587
PRELIMINARY INFORMATION
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
TCL1584/1585/1587-04 6/6/97
TYPICAL CHARACTERISTICS
OUTPUT CURRENT (A)
TCL1584 Dropout Voltage vs.
Output Current
TCL1584 Short Circuit Current
vs. Input/Output Differential
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
02
1
4
36
7
5
OUTPUT CURRENT (A)
TCL1585 Dropout Voltage vs.
Output Current
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
01
23
5
4
TEMPERATURE (
°C)
TCL1585 Short-Circuit Current
vs. Temperature
6.0
5.5
5.0
4.5
4.0
–75 –50 –25 0
50 75 100 125 150 175
25
OUTPUT CURRENT (A)
TCL1587 Dropout Voltage vs.
Output Current
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0
0.5
1.0
1.5
2.5
3.0
2.0
INPUT/OUTPUT DIFFERENTIAL (V)
10
8
6
4
2
0
02
14
36
7
5
T = 125
°C
T = 25
°C
T = – 5
°C
MINIMUM
TEMPERATURE (
°C)
TCL1587 Short-Circuit Current
vs. Temperature
5.0
4.5
4.0
3.5
3.0
–75 –50 –25 0
50 75 100 125150 175
25
TEMPERATURE (
°C)
TCL1584 Load Regulation
vs. Temperature
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–75 –50 –25 0
50 75 100 125 150 175
25
TEMPERATURE (
°C)
TCL1585 Load Regulation
vs. Temperature
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–75 –50 –25 0
50 75 100 125 150 175
25
TEMPERATURE (
°C)
TCL1587 Load Regulation
vs. Temperature
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–75 –50 –25 0
50 75 100 125 150 175
25
INDICATES GUARANTEED TEST POINT
T = 125
°C
T = – 5
°C
T = 25
°C
T = 125
°C
T = – 5
°C
T = 25
°C
INDICATES GUARANTEED TEST POINT
∆I = 4.6A
∆I = 7A
∆I = 3A
INDICATES GUARANTEED TEST POINT
T = 25
°C
T = – 5
°C
T = 125
°C


Similar Part No. - TCL1585-1.5CAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - TCL1585-1.5CAB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com