Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL1585-1.5CEB Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TCL1585-1.5CEB
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1585-1.5CEB Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TCL1585-1.5CEB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1585-1.5CEB Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
TCL1584
TCL1585
TCL1587
PRELIMINARY INFORMATION
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
TCL1584/1585/1587-04 6/6/97
ELECTRICAL CHARACTERISTICS: (Cont.) TA = Operating Temperature Range, 4.75V
VIN ≤ 5.25V,
unless otherwise specified.
Parameter
Device
Test Conditions
Min
Typ
Max
Unit
ADJ Pin
TCL1584
1.5V
≤ (VIN – VOUT) ≤ 3V, 10mA ≤ IOUT ≤ IFULL LOAD
0.2
5
µA
Current
TCL1585/7
1.5V
≤ (VIN – VOUT) ≤ 5.75V, 10mA ≤ IOUT ≤ IFULL LOAD
Change
(Note 3)
Minimum
TCL1584/5/7
1.5V
≤ (VIN –VOUT) ≤ 5.75V
2
10
mA
Load
Current
Quiescent
TCL1587-1.5
VIN = 5V
8
13
mA
Current
TCL1584/5/7-3.3 VIN = 5V
Ripple
TCL1584
f = 120Hz, COUT = 25µF Tant. (VIN – VOUT) = 2.5V, IOUT = 7A
60
72
dB
Rejection
TCL1584-3.3
f = 120Hz, COUT = 25µF Tant., VIN = 5.8V, IOUT = 7A
TCL1585
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 3V, IOUT = 4.6A, TJ ≥ 25°C
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 3V, IOUT = 4A, TJ ≤ 25°C
TCL1585-3.3
f = 120Hz, COUT = 25µF Tant.,VIN = 6.3V, IOUT = 4.6A, TJ ≥ 25°C
f = 120Hz, COUT = 25µF Tant.,VIN = 6.3V, IOUT = 4.6A, TJ ≤ 25°C
TCL1587
f = 120Hz, COUT = 25µF Tant., (VIN – VOUT) = 3V, IOUT = 3A
TCL1587-1.5
f = 120Hz, COUT = 25µF Tant., VIN = 5.0V, IOUT = 3A
TCL1587-3.3
f = 120Hz, COUT = 25µF Tant., VIN = 6.3V, IOUT = 3A
Thermal
TCL1584/5/7
TA = 25°C, 30msec Pulse
0.004
0.02
%/W
Regulation TCL1587-1.5
TA = 25°C, 30msec Pulse
TCL1584/5/7-3.3
TA = 25°C, 30msec Pulse
Temperature
VIN = 5V, IOUT = 0.5A
0.5
%
Stability
Long Term
TA = 125°C, 1000Hrs.
0.03
1.0
%
Stability
RMS
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Output
Noise (%
of VOUT)
Thermal
TCL1584
“A” pkg. (TO-220): Control Circuitry/Power Transistor
0.65/2.7
°C/W
Resistance TCL1585
“A” pkg. (TO-220): Control Circuitry/Power Transistor
0.7/3.0
°C/W
(Junction to TCL1585
“E” pkg. (TO-263): Control Circuitry/Power Transistor
0.7/3.0
°C/W
Case,
ΘJA) TCL1587
“A” pkg. (TO-220): Control Circuitry/Power Transistor
0.7/3.0
°C/W
TCL1587
“E” pkg. (TO-263): Control Circuitry/Power Transistor
0.7/3.0
°C/W
NOTES: 1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
2. Load and line regulation are guaranteed up to the maximum power dissipation (25W for the TCL1584 in “A” pkg., 26.5W for the TCL1585 in
“A” pkg., 18W for the TCL1587 in “A” pkg.). Power dissipation is determined by input/output voltage differential and output current. Guaranteed
maximum output current/power will not be available over full input/output voltage range.
3. IFULL LOAD is defined as the maximum value of output load current as a function of input-to-output voltage. IFULL LOAD is a nominal 7A for
TCL1584, decreasing to approximately 3A as VIN – VOUT increases from 3V to 7V. For all other fixed voltage TCL1585’s, IFULL LOAD is 4A. For
the TCL1587, IFULL LOAD is 3A. The TCL1585 and 1587 have constant current limit with respect to VIN and VOUT.


Similar Part No. - TCL1585-1.5CEB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - TCL1585-1.5CEB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com