Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL1585-3.3CAB Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TCL1585-3.3CAB
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1585-3.3CAB Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TCL1585-3.3CAB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 9Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 10Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 11Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 12Page - TelCom Semiconductor, Inc TCL1585-3.3CAB Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TCL1584
TCL1585
TCL1587
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
PRELIMINARY INFORMATION
10
TCL1584/1585/1587-04 6/6/97
TYPICAL APPLICATIONS (Cont.)
Typical Intel™* Pentium™* Pro GTL+ Bus Terminator Application Using TCL1587-1.5
GND
TCL1587-1.5
C1 = 10
µF
C2 = 10
µF
(Tantalum)
GTL+ Bus (ZO)
C3 =1
µF x 5
(Ceramic)
VIN = 5V or 3.3V
VIN = 5V or 3.3V
VIN
VOUT
GND
TCL1587-1.5
C1 = 10
µF
NOTES: 1. It is recommended that the GTL+ bus be terminated at each end by a separate regulator to avoid power distribution losses.
2. The GTL+ bus transmission line symbol will consist of all the components (chip set IC's) on the GTL+ bus.
3. RREF and 2RREF should be chosen such that VREF loading does not appreciably degrade VREF regulation.
Values <100 ohms should suffice for most applications.
4. RTERM will be determined by individual bus physical/electrical parameters. See CPU manufacturer documentation for
application information.
C2 = 10
µF
(Tantalum)
C3 = 1
µF x 5
(Ceramic)
VOUT = 1.5V @ 3A
RTERM
= 100
Ω x 71
Lines
RTERM
= 100
Ω x 71
Lines
RREF
2RREF
VOUT = 1.5V @ 3A
VREF = 1.0V
VIN
VOUT
*All Trademarks and Trade Names are the property of their respective owners.


Similar Part No. - TCL1585-3.3CAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - TCL1585-3.3CAB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com